Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 9Page - STMicroelectronics ST18952X66S Datasheet HTML 10Page - STMicroelectronics ST18952X66S Datasheet HTML 11Page - STMicroelectronics ST18952X66S Datasheet HTML 12Page - STMicroelectronics ST18952X66S Datasheet HTML 13Page - STMicroelectronics ST18952X66S Datasheet HTML 14Page - STMicroelectronics ST18952X66S Datasheet HTML 15Page - STMicroelectronics ST18952X66S Datasheet HTML 16Page - STMicroelectronics ST18952X66S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
13/66
ST18952
Data buses (XD/YD and XA/YA) are provided externally. Data memories (RAM, ROM) and
peripherals registers are mapped in these address spaces.
Instruction bus (ID/IA) gives access to program memory (RAM, ROM). Each bus has its own
control interface.
Table 4.1
Data/instruction bus and corresponding address bus.
Depending on the calculation mode, the D950Core DCU computes operands which can be
considered as 16 or 32-bit, signed or unsigned. It includes a 16 x 16-bit parallel multiplier able
to implement MAC-based functions in one cycle per MAC. A 40-bit arithmetic and logic unit,
including an 8-bit extension for arithmetic operations, implements a wide range of arithmetic
and logic functions. A 40-bit barrel shifter unit and a bit manipulation unit are included.
The tables below illustrate the different types of word length and word format available for
manipulation.
Table 4.2
Summary of possible word lengths and formats
Data/instruction bus
Corresponding address bus
XD
Bidirectional
16-bit
XA
Unidirectional
16-bit
YD
Bidirectional
16-bit
YA
Unidirectional
16-bit
ID
Bidirectional
16-bit
IA
Unidirectional
16-bit
0
1-bit word
7
0
8-bit word
15
0
16-bit word signed / unsigned
31
16
15
0
32-bit word signed / unsigned
39
32
31
16
15
0
40-bit word signed / unsigned
Format
Minimum
Maximum
fractional
signed
- 1
+ 0.999969481
unsigned
0
+ 0.99996948
integer
signed
- 32768
+ 32767
unsigned
0
+ 65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com