Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 15Page - STMicroelectronics ST18952X66S Datasheet HTML 16Page - STMicroelectronics ST18952X66S Datasheet HTML 17Page - STMicroelectronics ST18952X66S Datasheet HTML 18Page - STMicroelectronics ST18952X66S Datasheet HTML 19Page - STMicroelectronics ST18952X66S Datasheet HTML 20Page - STMicroelectronics ST18952X66S Datasheet HTML 21Page - STMicroelectronics ST18952X66S Datasheet HTML 22Page - STMicroelectronics ST18952X66S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
19/66
ST18952
6.2
BSU control registers
The BSU is programmed by six control registers mapped in the Y-memory space. These
define the type of memory used, internal to external boundary address crossing, exchange
type (external direct or through the BSU) and software wait-states count.
There are 2 registers per memory space, making it possible to define 2 sets of boundaries and
wait state numbers.
Figure 6.2
Default and user mapping examples
The BSU control registers include a reference address on bits 4 to 9, where the internal/
external memory boundary value is stored (see Figure 6.2), and software wait-states count on
bits 0 to 3, allowing up to 16 wait-states.
External addressing is recognized by comparing these address bits for each valid address
from IA, XA and YA, to the reference address contained into the corresponding control
register.
If the address is greater or equal to the reference value, an external access proceeds.
In the following register descriptions, ‘-’ means RESERVED (read: 0, write: don’t care).
EXTERNAL
INTE RNAL1
64K
63K
62K
INTERNAL 0
DEFA ULT MAPPING (RESET)
USER MAPPI NG
(CAN CHANGE BY 1K STEP)
VALUE 1
VALUE 0
VALUE 1
VALUE 0
EXTE RNAL
INTERNAL1
INTERNAL0
64K
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com