Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 3Page - STMicroelectronics ST18952X66S Datasheet HTML 4Page - STMicroelectronics ST18952X66S Datasheet HTML 5Page - STMicroelectronics ST18952X66S Datasheet HTML 6Page - STMicroelectronics ST18952X66S Datasheet HTML 7Page - STMicroelectronics ST18952X66S Datasheet HTML 8Page - STMicroelectronics ST18952X66S Datasheet HTML 9Page - STMicroelectronics ST18952X66S Datasheet HTML 10Page - STMicroelectronics ST18952X66S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7/66
ST18952
Table 2.7
D950Core control (10 pins)
Table 2.8
Emulation unit (7 pins)
Pin name
Type
Description
RESET
I
Reset input. Active low.
Initializes the 950-Core to the RESET state.
RESET_OUT
O
Reset output (system reset). Active low.
LP
I
Low power input. Active low.
LPACK
O
Low power acknowledge. Active low.
MODE
I
Mode selection for Reset.
0: forces reset address to 0x0000
1: forces reset address to 0xFC00
IRD_WR
O
Program memory read/write indicator.
VCI
O
Valid coprocessor instruction output.
Asserted low during the instruction cycle preceding a coprocessor instruc-
tion to enable operation of an external coprocessor.
STACKX
O
X stack read/write instruction flag.
STACKY
O
Y stack read/write instruction flag.
IDT_EN
I
I-bus direct transfer enable (to BSU peripheral). Active low.
Pin name
Type
Description
ERQ
I
Emulator Halt Request. Active low.
Halts program execution and enters emulation mode.
IDLE
O
Output flag asserted high when the processor is halted due to an emulation
halt request or a valid breakpoint condition.Asserted low when the proces-
sor is not Halted or during execution of an instruction under control of the
emulator.
HALTACK
O
Halt acknowledge. Active high.
Asserted high when the processor is halted from an Emulator Halt request
or when a valid Breakpoint condition is met.
SNAP
O
Snapshot. Active high.
Asserted high when executing an instruction if Snapshot mode is enabled.
AXEBP
I
Enable breakpoint on X address bus when high.
AYEBP
I
Enable breakpoint on Y address bus when high.
AIEBP_SCAN_EN
I
Enable breakpoint on I address bus when high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com