Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 16Page - STMicroelectronics ST18952X66S Datasheet HTML 17Page - STMicroelectronics ST18952X66S Datasheet HTML 18Page - STMicroelectronics ST18952X66S Datasheet HTML 19Page - STMicroelectronics ST18952X66S Datasheet HTML 20Page - STMicroelectronics ST18952X66S Datasheet HTML 21Page - STMicroelectronics ST18952X66S Datasheet HTML 22Page - STMicroelectronics ST18952X66S Datasheet HTML 23Page - STMicroelectronics ST18952X66S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
20/66
ST18952
XER0/1: X-memory space control registers
After reset, XER0/1 default values are 0x83EF/0x83FF
YER0/1: Y-memory space control registers
After reset, YER0/1 default values are 0x83EF/0x83FFI
IER0/1: Instruction memory control registers
After reset, IER0/1 default values are 0x83EF/0x83FF or 0xC3EF/0xC3FF
(the EN_I value depends on the IDT_EN input value
15
14
13
12
11
10
9876
54
3
2
1
0
IM
EN_X
-
-
-
-
XA15 XA14 XA13 XA12 XA11 XA10
W3
W2
W1
W0
Bit
Function
W3:0
Wait state count (1 to 16) for off-chip access (X-memory space)
XA15:10
X-memory space map for boundary on-chip or off-chip
EN_X
Enable for X-space data exchanges
IM
Intel/Motorola
0: Motorola type for memories
1: Intel type for memories (default)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
IM
EN_Y
-
-
-
-
YA15 YA14 YA13 YA12 YA11 YA10
W3
W2
W1
W0
Bit
Function
W3:0
Wait state count (1 to 16) for off-chip access (Y-memory space)
YA15:10
Y-memory space map for boundary on-chip or off-chip
EN_Y
Enable for Y-space data exchanges
IM
Intel/Motorola
0: Motorola type for memories
1: Intel type for memories (default)
15
14
13
12
11
10
9876543210
IM
EN_I
----
IA15 IA14 IA13 IA12 IA11 IA10
W3
W2
W1
W0
Bit
Function
W3:0
Wait state count (1 to 16) for off-chip access (I-memory space)
IA15:10
I-memory space map for boundary on-chip or off-chip
EN_I
Enable for I-space data exchanges
IM
Intel/Motorola
0: Motorola type for memories
1: Intel type for memories (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com