Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 4Page - STMicroelectronics ST18952X66S Datasheet HTML 5Page - STMicroelectronics ST18952X66S Datasheet HTML 6Page - STMicroelectronics ST18952X66S Datasheet HTML 7Page - STMicroelectronics ST18952X66S Datasheet HTML 8Page - STMicroelectronics ST18952X66S Datasheet HTML 9Page - STMicroelectronics ST18952X66S Datasheet HTML 10Page - STMicroelectronics ST18952X66S Datasheet HTML 11Page - STMicroelectronics ST18952X66S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8/66
ST18952
Table 2.9
JTAG IEEE 1149.1 test access port (5 pins)
Table 2.10
DMA controller / Serial input/output (8 pins)
Pin name
Type
Description
TDI
I
Test data input.
TCK
I
Test clock.
TMS
I
Test mode select.
TDO
O
Test data output.
TRST
I
Test logic reset (also used for Emulator module). Active low.
Pin name
Type
Description
DMARQ0/SRD0
I
DMA request 0 or SIO0 Receive data
DMARQ1/SCK0
I/O
DMA request 1 or SIO0 Data clock
DMARQ2/SRD1
I
DMA request 2 or SIO1 Receive data
DMARQ3/SCK1
I/O
DMA request 3 or SIO1 Data clock
DMACK0/STD0
O
DMA acknowledge 0 or SIO0 Transmit data
DMACK1/SFS0
I/O
DMA acknowledge 1 or SIO0 Frame synchronizer
DMACK2/STD1
O
DMA acknowledge 2 or SIO1 Transmit data
DMACK3/SFS1
I/O
DMA acknowledge 3 or SIO1 Frame synchronizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com