Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 37Page - STMicroelectronics ST18952X66S Datasheet HTML 38Page - STMicroelectronics ST18952X66S Datasheet HTML 39Page - STMicroelectronics ST18952X66S Datasheet HTML 40Page - STMicroelectronics ST18952X66S Datasheet HTML 41Page - STMicroelectronics ST18952X66S Datasheet HTML 42Page - STMicroelectronics ST18952X66S Datasheet HTML 43Page - STMicroelectronics ST18952X66S Datasheet HTML 44Page - STMicroelectronics ST18952X66S Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41/66
ST18952
STDR: SIO Transmit data register
(SIO0 address = 0060h reset value = 0000h, write only)
(SIO1 address = 00E0h reset value = 0000h, write only)
SRDR: SIO Receive data register
(SIO0 address = 0061h, reset value = xxxxh, read only)
(SIO1 address = 00E1h, reset value = xxxxh, read only)
15
14
13
12
11
10
9876
54
3210
STD
15
STD
14
STD
13
STD
12
STD
11
STD
10
STD
9
STD
8
STD
7
STD
6
STD
5
STD
4
STD
3
STD
2
STD
1
STD
0
Bit
Function
STD(15:0)
SIO Transmit data (STD(15) = msb)
•
STD contains the data to be transferred to the Transmit Shift register at the beginning
of the next sub-frame or time slot. The data is transmitted msb first.
•
When 8-bit data format (SCR/SWL = ‘1’) is used, the byte must be left justified (written
on bits 7 to 0, bits 15 to 8 are ignored). The msb is bit 7.
15
14
13
12
11
10
9876
54
3210
SRD
15
SRD
14
SRD
13
SRD
12
SRD
11
SRD
10
SRD
9
SRD
8
SRD
7
SRD
6
SRD
5
SRD
4
SRD
3
SRD
2
SRD
1
SRD
0
Bit
Function
SRD(15:0)
SIO Receive data (SRD(15) = msb)
•
SRD contains the data transferred from the Receive Shift register at the end of the
last sub-frame or time slot. The data is right justified (msb = bit 15).
•
When 8-bit data format (SCR/SWL = ‘1’) is used, the byte is left justified (significative
on bits 7 to 0, bits 15 to 8 are ignored). The msb is bit 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com