Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 42Page - STMicroelectronics ST18952X66S Datasheet HTML 43Page - STMicroelectronics ST18952X66S Datasheet HTML 44Page - STMicroelectronics ST18952X66S Datasheet HTML 45Page - STMicroelectronics ST18952X66S Datasheet HTML 46Page - STMicroelectronics ST18952X66S Datasheet HTML 47Page - STMicroelectronics ST18952X66S Datasheet HTML 48Page - STMicroelectronics ST18952X66S Datasheet HTML 49Page - STMicroelectronics ST18952X66S Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
46/66
ST18952
13
JTAG IEEE 1149.1 test access port
The Test Access Port (TAP) conforms to IEEE standard 1149.1.
The TAP consists of five pins: TMS, TCK, TDI, TDO and TRST. TDO can be overdriven to the
power rails, and TCK can be stopped in either logic state.
The instruction register is 8 bits long, with no parity, and the pattern “00000001” is loaded into
the register during the
Capture-IR state.
There are three defined public instructions, see Table 13.1. All other instruction codes are
reserved.
Table 13.1
Instruction codes
Notes 1:
MSB... LSB; LSB closest to TDO
14
Emulation Unit
The emulation unit (EMU) performs to emulation and test fuctions through the external IEEE
1149.1 JTAG interface. Refer to ”JTAG IEEE 1149.1 test access port” on page 46.
The emulation and test operations are controlled by the JTAG Test Access Port (TAP) and the
emulator by means of dedicated control I/Os.
Emulation mode can entered in one of two ways:
• Asserting ERQ input pin low.
• Meeting a valid breakpoint condition or executing an instruction in single step
mode.
The PC board emulator is able to display the processor status (memories and registers) and
restore the context.
The Emulation resources (see Figure 14.1) include:
• Four breakpoint registers (BP0, BP1, BP2, BP3) which can be affected by
Program or Data memory.
• Breakpoint counter (BPC).
• Program Counter Trace Buffer (PCB) able to store the address of the 6 last
executed instructions.
• Three control registers for Breakpoint condition programming.
Instruction code
1)
Instruction
Selected register
04h
IDCODE
Identification
08h
EMU
D950 IOscan
FFh
BYPASS
Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com