Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 29Page - STMicroelectronics ST18952X66S Datasheet HTML 30Page - STMicroelectronics ST18952X66S Datasheet HTML 31Page - STMicroelectronics ST18952X66S Datasheet HTML 32Page - STMicroelectronics ST18952X66S Datasheet HTML 33Page - STMicroelectronics ST18952X66S Datasheet HTML 34Page - STMicroelectronics ST18952X66S Datasheet HTML 35Page - STMicroelectronics ST18952X66S Datasheet HTML 36Page - STMicroelectronics ST18952X66S Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33/66
ST18952
TSVR contains the data to be transferred to the TCVR current value register when:
1: TEN = ‘1’ (TIM enable)
TLE = ‘1’ (TIM load enable)
TCVR = TEVR (count period finished)
TCS = ‘1’ (stop mode disabled).
2: First counting clock rising edge after timer start (timer starts on rising edge of
TEN ).???
TEVR0-1: Timer end value register
(Address = 005A/005E, Reset value = 0000 h, Read/Write))
TEVR contains the data to be compared to the TCVR current value register.
TCVR0-1: Timer current value register
(Address = 005B/005F, Reset value = 0000 h, Read only)
TCVR contains the current counting value. When TCVR = TEVR, the TCVR content is
changed according to Table 9.1. The TCVR clock is derived from internal MCLK clock
according to TFP bits when TCM = ‘0’ or is equal to external ECLK clock when TCM = ‘1’.
Note:
Timers external clocks are not directly user accessible. They are connected to INCYCLE.
15
14
13
12
11
10
9876
54
3210
TEV
15
TEV
14
TEV
13
TEV
12
TEV
11
TEV
10
TEV
9
TEV
8
TEV
7
TEV
6
TEV
5
TEV
4
TEV
3
TEV
2
TEV
1
TEV
0
Bit
Function
TEV(15:0)
Timer end value (bits15-0 - TEV(15) = msb
15
14
13
12
11
10
9876
54
3210
TCV
15
TCV
14
TCV
13
TCV
12
TCV
11
TCV
10
TCV
9
TCV
8
TCV
7
TCV
6
TCV
5
TCV
4
TCV
3
TCV
2
TCV
1
TCV
0
Bit
Function
TCV(15:0)
Timer current value (bits15-0 - TCV(15) = msb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com