Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST18952X66S Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST18952X66S
Description  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952X66S Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST18952X66S Datasheet HTML 35Page - STMicroelectronics ST18952X66S Datasheet HTML 36Page - STMicroelectronics ST18952X66S Datasheet HTML 37Page - STMicroelectronics ST18952X66S Datasheet HTML 38Page - STMicroelectronics ST18952X66S Datasheet HTML 39Page - STMicroelectronics ST18952X66S Datasheet HTML 40Page - STMicroelectronics ST18952X66S Datasheet HTML 41Page - STMicroelectronics ST18952X66S Datasheet HTML 42Page - STMicroelectronics ST18952X66S Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39/66
ST18952
SFR: SIO Frequency register
(SIO0 address = 0063h, reset value = 0000h, read/write)
(SIO1 address = 00E3 h, reset value = 0000h, read/write)
SFR Writes must be made when the SEN bit of the SER register is ‘0’ (SIO disabled)
SER: SIO Enable register
(SIO0 address = 0064h, reset value = 0000h, read/write)
(SIO1 address = 00E4 h, reset value = 0000h, read/write)
15
14
13
12
11
10
9876
54
3210
(0)
0
SFD(2:0)
SFP
Bit
Function
SFP
SIO Frequency prescaler
•
When the SCK clock is generated internally (SCSD bit of the SCR register is set to
‘1’), it is derived from the MCLK clock input by first prescaling MCLK by 1 (SFP = ‘0’
reset value) or by 3 (SFP = ‘1’).
SFD(2:0)
SIO Frequency divider (bits 3-1; SFD(2) = msb)
•
When the SCK clock is generated internally (SCR/SCSD = ‘1’), it is derived from the
MCLK clock input by second dividing MCLK by 2(1 + SFD).
SFD = “0”
divided by 2 (reset value)
SFD = “1”
divided by 4
SFD = “2”
divided by 8
...
SFD = “7”
divided by 256
Bits 5 and 4
Reserved and must be written as ‘0’
Bits 15 to 6
Unused and read as ‘0’
15
14
13
12
11
10
9876
54
3210
(0)
SEN
Bit
Function
SEN
SIO Enable
•
When SEN = ‘0’, SIO is disabled (reset value). SCR and SFR writes must be made
when SEN = ‘0’.
•
When SEN = ‘1’, the SIO is enabled.
Bits 15 to 1
Unused and read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com