Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72C171 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST72C171
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST72C171 Datasheet HTML 139Page - STMicroelectronics ST72C171 Datasheet HTML 140Page - STMicroelectronics ST72C171 Datasheet HTML 141Page - STMicroelectronics ST72C171 Datasheet HTML 142Page - STMicroelectronics ST72C171 Datasheet HTML 143Page - STMicroelectronics ST72C171 Datasheet HTML 144Page - STMicroelectronics ST72C171 Datasheet HTML 145Page - STMicroelectronics ST72C171 Datasheet HTML 146Page - STMicroelectronics ST72C171 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 152 page
background image
ST72C171
143/152
9.13.1 Typical Phase Gain vs. Frequency
Figure 99. Gain vs Frequency
9.13.2 Typical Total Harmonic Distorsion
Figure 100 shows three typical curves for different
VDD values. This characterisation has been done
at TA 25°C using a 1 kHz sine wave signal with an
average value of VDD/2. This signal is input to the
SPGA configured in non-inverter mode with a gain
of 1. The SPGA output is loaded with a 1K resistor.
Figure 100. Total Harmonic Distorsion vs Vout
1.00E+3
1.00E+4
1.00E+5
1.00E+6
1.00E+7
-40
-20
0
20
40
60
-120
-90
-60
-30
0
30
60
90
120
150
180
Gain (dB)
Phase (Deg)
load RL=2Kohm CL= 120pF VDD=5V
01
23
4
5
6
7
VOUT peak-peak (V)
0
0.05
0.1
0.15
0.2
Vdd=6V
Vdd=5V
Vdd=3V
RL =10Kohm, F= 1KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com