Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 4Page - STMicroelectronics STA002 Datasheet HTML 5Page - STMicroelectronics STA002 Datasheet HTML 6Page - STMicroelectronics STA002 Datasheet HTML 7Page - STMicroelectronics STA002 Datasheet HTML 8Page - STMicroelectronics STA002 Datasheet HTML 9Page - STMicroelectronics STA002 Datasheet HTML 10Page - STMicroelectronics STA002 Datasheet HTML 11Page - STMicroelectronics STA002 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
This is followed by another START condition from
the master and the device address repeated with
the RW bit set to 1. The STA002 acknowledges
this and outputs the byte addressed by the inter-
nal byte address counter.
The master does not acknowledge the received
byte, but terminates the transfer with a STOP
condition.
1.4.3 Sequential address read
This mode can be initiated with either a current
address read or a random address read. How-
ever in this case the master does acknowledge
the data byte output and the STA002 continues to
output the next byte in sequence.
To terminate the stream of bytes the master does
not acknowledge the last received byte, but termi-
nates the transfer with a STOP condition.
The output data stream is from consecutive byte
addresses, with the internal byte address counter
automatically incremented after each byte output.
DEV
ACK
START
D97AU669
RW
BYTE
ACK
BYTE
ACK
DATA IN
ACK
STOP
BYTE
WRITE
DEV
ACK
START
RW
BYTE
ACK
BYTE
ACK
DATA IN
ACK
STOP
MULTIBYT
WRITE
DATA IN
ACK
Fig. 5: Write Mode Sequence
DEV
ACK
START
D97AU670
RW
DATA
NO ACK
STOP
CURRENT
ADDRESS
READ
DEV
ACK
START
RW
BYTE
ACK
BYTE
ACK
DEV
ACK
STOP
RANDOM
ADDRESS
READ
DATA
NO ACK
START
RW
DEV
ACK
START
DATA
ACK
DATA
ACK
STOP
SEQUENTIAL
CURRENT
READ
DATA
NO ACK
DEV
ACK
START
RW
BYTE
ACK
BYTE
ACK
DEV
ACK
SEQUENTIAL
RANDOM
READ
DATA
ACK
START
RW
DATA
ACK
NO ACK
STOP
DATA
RW=
HIGH
Fig. 6: Read Mode Sequence
1.5 REGISTER MAP (8 BIT REGISTER)
1.5.1 Register address List (by function)
FUNCTION
START ADDRESS
END ADDRESS
HEX_COD
BIN
HEX_COD
BIN
SCH
000H
0000000000
03FH
0000111111
RFU
040H
0000111111
07FH
0001111111
QPSK
080H
0010000000
09FH
0010011111
RFU
0A0H
0010100000
0FFH
0011111111
SCH_MEM
100H
0100000000
1EBH
0111101011
RFU
1ECH
0111101100
1FFH
0111111111
TDM_MULTIPLEX
200H
1000000000
23FH
1000111111
RFU
240H
1001000000
2FFH
1011111111
TSCC_MEM
300H
1100000000
3C1H
1111000001
RFU
3C2H
1111000010
3FFH
1111111111
STA002
8/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com