Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics STA002 Datasheet HTML 29Page - STMicroelectronics STA002 Datasheet HTML 30Page - STMicroelectronics STA002 Datasheet HTML 31Page - STMicroelectronics STA002 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
0000: one segment multiframe
0001: two segment multiframe
.................................................
1111: 16 segment multiframe
if SF = 0 SOLF contains the segment offset.
Reg name: ADF1_REG
Internal address: 006H, 005H
Type: R
ADF1 (15:8) ( addr 006H)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
ADF1 (7:0) ( addr 005H)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b15 to A0 contain the Auxiliary data field1 (ADF1
field in the SCH) with content defined by
AFCI1_REG)
Reg name: ADF2_REG
Internal address: 00EH,00DH, 00CH, 00BH,
00AH, 009H, 008H, 007H,
Type: R
ADF2(63:56) (addr 00EH)
MSB
LSB
b63
b62
b61
b60
b59
b58
b57
b56
ADF2(55:48) (addr 00DH)
MSB
LSB
b55
b54
b53
b52
b51
b50
b49
b48
ADF2(47:40) (addr 00CH)
MSB
LSB
b47
b46
b45
b44
b43
b42
b41
b40
ADF2(39:32) (addr 00BH)
MSB
LSB
b39
b38
b37
b36
b35
b34
b33
b32
ADF2(31:24) (addr 00AH)
MSB
LSB
b31
b30
b29
b28
b27
b26
b25
b24
ADF2(23:16) (addr 009H)
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
ADF2(15:8) (addr 008H)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
ADF2(7:0) (addr 007H)
MSB
LSB
A7
A6
A5
A4
A3
A3
A1
A0
Description:
b64 to b0 contain the Auxiliary data field2 (ADF2
field in the SCH) with content defined by
AFCI2_REG)
Reg name: SEL_SC_REG
Internal address: 00FH
Type: R/W
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description :
b7: =1 Enable service component selection A
= 0 Disable
b6 to b4 contain the Service Component selec-
tion A
000: SC1
001: SC2
...............
111: SC8
b3: =1 Enable service component selection B
= 0 Disable
b2 to b0 contain the Service Component selec-
tion B
000: SC1
001: SC2
...............
111: SC8
STA002
28/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com