Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Reg name: PRC_TRSH2
Internal address: 203 H
Type: R/W
Reset Value: 23H
MSB
LSB
X
X
b5
b4
b3
b2
b1
b0
Description: Prime rate channel preamble recog-
nition - Warning flag threshold level.
It defines the minimum number of PRC preamble
bits to be recognized before setting an alarm con-
dition.
Reg name: PRC_ALARM
Internal address: 208 H
Type: R/W
Reset Value: 00H
MSB
LSB
b7
b6
b5
b4
X
X
b1
b0
Description: PRC finite state machine control reg-
ister (see table 5).
Reg name: PRC_ACTIVE_REG
Internal address: 20F H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description: It gives the list of active PRC within
one selected BC.
b0 to b7 indicates PRC0 to PRC7 respectively.
Reg name: PRC_LOCK_REG
Internal address: 210 H
Type: R
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description: Lock status of each PRC
b0 to b7 indicates the lock status of PRC0 to
PRC7 respectively.
Reg name: PRC_DELAY_REG
Internal address: 211 H
Type: R
MSB
LSB
X
X
X
X
b3b2b1b0
Description: PRC maximum number of delay
symbols
It detects the maximum number of delay symbols
among the PRC within the same BC.
Table 5: PRC_ALARM
b7
b6
b5
b4
b1
b0
PRC FSM active states
X
X
X
X
0
0
prcp_detection, prcp_presync, prcp_sync
X
X
X
X
0
1
prcp_detection, prcp_presync, prcp_sync, alarm 1
0
0
0
0
1
0
sp_detection, sp_presync, sp_sync, alarm2
0
0
0
1
1
0
sp_detection, sp_presync, sp_sync, alarm2 (1 cycle)
0
0
1
0
1
0
sp_detection, sp_presync, sp_sync, alarm2 (2 cycles)
0
0
1
1
1
0
sp_detection, sp_presync, sp_sync, alarm2 (3 cycles)
-
-
-
-
1
0
sp_detection, sp_presync, sp_sync, alarm2 (n cycles)
1
1
1
1
1
0
sp_detection, sp_presync, sp_sync, alarm2 (16 cycles)
0
0
0
0
1
1
sp_detection, sp_presync, sp_sync, alarm1, alarm2
0
0
0
1
1
1
sp_detection, sp_presync, sp_sync, alarm1, alarm2 (1 cycle)
0
0
1
0
1
1
sp_detection, sp_presync, sp_sync, alarm1, alarm2 (2 cycles)
0
0
1
1
1
1
sp_detection, sp_presync, sp_sync, alarm1, alarm2 (3 cycles)
-
-
-
-
1
1
sp_detection, sp_presync, sp_sync, alarm1, alarm2 (n cycles)
1
1
1
1
1
1
sp_detection, sp_presync, sp_sync, alarm1, alarm2 (16 cycles)
STA002
23/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com