Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 2Page - STMicroelectronics STA002 Datasheet HTML 3Page - STMicroelectronics STA002 Datasheet HTML 4Page - STMicroelectronics STA002 Datasheet HTML 5Page - STMicroelectronics STA002 Datasheet HTML 6Page - STMicroelectronics STA002 Datasheet HTML 7Page - STMicroelectronics STA002 Datasheet HTML 8Page - STMicroelectronics STA002 Datasheet HTML 9Page - STMicroelectronics STA002 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
FUNCTIONAL DESCRIPTION
The STA002 integrates all the functions needed
to demodulate the signal coming from the RF FE;
with reference to the block diagram (Fig 1),
STA002 includes the following functions:
Microprocessor interface
Data transmission from microcontroller to the de-
vice takes place through the 2 wires (SDA and
SCL) I2C bus interface. STA002 acts always as a
slave in all its communications.
Interface to the Front-end
This block receives from the RF front-end the
QPSK modulated signal, centered at 1.84 MHz
(2nd IF frequency). This signal is over sampled
using the Master Clock and converted to digital
on 6 bits in 2’s complement format. The same fre-
quency is also used to provide the clock signal for
the QPSK demodulator block.
QPSK
This block is composed by:
- AGC1
- quadrature demodulator
- carrier recovery
- timing recovery
- frequency sweep generator
- AGC2
- lock indicator
- carrier to noise estimator
To assure flexibility and to cover different working
conditions most of the parameters of each func-
tion can be programmed through the I2C inter-
face.
TDM Demultiplexer
The TDM frame is divided into 3 fields.
The first is the Master Frame Preamble (MFP)
which contains the synchronisation word. The
second, the Time Slot Control Channel (TSCC),
contains information about the organization of the
Prime Rate Channel data which follows. The
third, is the data field; it contains 96 Prime Rate
Channels of 16 Kbit/s each; up to 8 Prime Rate
Channels are grouped into one Broadcast Chan-
nel.
The TDM demultiplexer executes the extraction
and decoding of one Broadcast Channel from the
TDM stream, according to the instructions com-
ing from the microcontroller. The decoding flow is
the following:
- TDM synchronization
The master frame synchronization block receives
the demodulated symbol stream from the QPSK
demodulator and performs the alignment detect-
ing the Master Frame Preamble.
The known syncronization word is also used to
correct the phase ambiguity intrinsic in QPSK de-
modulation.
- TSCC extraction
The information of the Prime Rate Channels to
Broadcast Channels allocation are contained in
the TSCC field which is synchronised with the
MFP.
In this stage all the information related to the
TSCC are extracted and made available for the
microcontroller via the I2C interface.
- PRC extraction and BC recovery
This block, after the Broadcast Channel (BC) se-
lection, performs the extraction and synchronisa-
tion of the Prime Rate Channels (PRC) belonging
to the selected BC.
The extracted PRCs are aligned and grouped into
one BC data stream.
- FEC decoder
The extracted BC is decoded using a concate-
nated Forward Error Correction approach.
The FEC circuitry utilizes three error correction
stages: a rate 1/2 Viterbi decoder, a 255x4 bytes
convolutional deinterleaver and a 255/223 Reed
Solomon decoder.
The RS input blocks are 255 bytes long with 32
parity bytes.
Up to 16 errored bytes can be fixed in each RS
block.
BC demultiplexer
Every BC contains up to 8 Service Components;
the Service Control Header (SCH) field contains
all the information related to the organization of
the Service Components. This stage provides the
extraction of the SCH from the BC.
The SCH is available through I2C bus to the mi-
crocontroller for the selection of the desired Audio
Service Component, which is then supplied di-
rectly to the MPEG Source decoder via the audio
Service Component Interface.
DEVICE OPERATION
1. I
2C BUS SPECIFICATION
The STA002 supports the I2C protocol. This pro-
tocol defines any device that sends data on to the
bus as a transmitter and any device that reads
the data as a receiver. The device that controls
the data transfer is known as the master and the
others as the slave. The master will always initi-
ate the transfer and will provide the serial clock
STA002
6/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com