Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 3 Page - STMicroelectronics

  STA002 Datasheet HTML 1Page - STMicroelectronics STA002 Datasheet HTML 2Page - STMicroelectronics STA002 Datasheet HTML 3Page - STMicroelectronics STA002 Datasheet HTML 4Page - STMicroelectronics STA002 Datasheet HTML 5Page - STMicroelectronics STA002 Datasheet HTML 6Page - STMicroelectronics STA002 Datasheet HTML 7Page - STMicroelectronics STA002 Datasheet HTML 8Page - STMicroelectronics STA002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
PIN DESCRIPTION
Type
Pin Name
Type
Function
PAD Description
1, 11, 12
TEST (1:3)
I
Test Pin
CMOS Input Pad Buffer with Pull-Down
22
23, 25, 33, 34, 44
TEST
(4:9)
I
Test Pin
2
AGC
O
AGC Output
CMOS 2mA Output Driver
3, 14, 21,
26, 38, 40
VDD
Positive Supply Voltage
4
A_VDD
Analog Positive Supply Voltage
5
RXI
I
IF Signal Input
Analog Pad Buffer
6
NRXI
I
IF Signal Input
Analog Pad Buffer
7
A_GND
Analog Ground
9
M_CLK
I
Master Clock
Analog Pad Buffer with Comparator
10
CLK_TEST
Not Connected
CMOS Input Pad Buffer
13
LOCK
O
Carrrier Lock Indicator
CMOS 2mA Output Driver
15
SDA
I/O
Data + ACK
CMOS Schmitt Trigger Bdir Pad Bufer
16
SCL
I
Serial Clock
CMOS Input Pad Schmitt Triggered
8, 17, 19,
30, 35, 42
GND
Negative Supply Voltage
18
INTR
O
Interrupt
CMOS 2mA Output Driver
20
RESET
I
Master Reset
CMOS Input Pad Buffer with Pull-Up
24
MINTR
O
MPEG Interrupt
CMOS 2mA Output Driver
27
SEN
O
MPEG Enable
CMOS 2mA Output Driver
28
SCK
O
MPEG Clock
CMOS 2mA Output Driver
29
SDO
O
MPEG Bit Output
CMOS 2mA Output Driver
31
BCSYNC
O
Broadcast Channel Sync
CMOS 2mA Output Driver
32
BCDIN
I
Broadcast Channel Data Input
CMOS Input Pad Buffer
36
BCCK
O
Broadcast Channel Clock
CMOS 2mA Output Driver
37
BCDO
O
Broadcast Channel Data Output
CMOS 2mA Output Driver
39
SCEN
O
Service Component Enable
CMOS 2mA Output Driver
41
SCCK
O
Service Component Clock
CMOS 2mA Output Driver
43
SCDO
O
Service Component Data Output
CMOS 2mA Output Driver
Note: pin 1, 11, 12 and 22 must be connected to ground in functional mode.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
85
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Power Supply
-0.3 to 4
V
Vi
Voltage on Input pins
-0.3 to VDD +0.3
V
VO
Voltage on output pins
-0.3 to VDD +0.3
V
Tstg
Storage Temperature
-40 to +150
°C
Toper
Operative ambient temp
-20 to +85
°C
STA002
3/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com