Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 31Page - STMicroelectronics STA002 Datasheet HTML 32Page - STMicroelectronics STA002 Datasheet HTML 33Page - STMicroelectronics STA002 Datasheet HTML 34Page - STMicroelectronics STA002 Datasheet HTML 35Page - STMicroelectronics STA002 Datasheet HTML 36Page - STMicroelectronics STA002 Datasheet HTML 37Page - STMicroelectronics STA002 Datasheet HTML 38Page - STMicroelectronics STA002 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
8. GENERAL INFORMATION
8.1 DECRIPTION
The STA002 supports a crypto-scheme named
WES (World Space Encrypton Scheme)
It is composed of two functional blocks:
- CSG (Crypto Sequence Generator)
implemented in the STA002 decoder
- IWG (Initialization Word Generator) processed
by external hardware such as a microcontroller
or a smart card.
The CSG module produces the pseudo-casual
sequence by an algorithm based on the galois ar-
rithmetic.
This algorithm is derived in 2 phases:
1) Key expansion
2) Pseudo casual sequence generation
In the expansion phase activated every frame the
IWG 8 bytes key is used to initialize a 16 bytes
array.
The scrambling procedure, invoked every byte,
implements a pseudo random algorithm.
The XOR operation between the output of the
module the encrypted bytes completes the de-
cryption procedure.
The 8 bytes keyword is loaded before the start of
the new frame to the I
2C bus interface.
8.2. BROADCAST CHANNEL INTERFACE
The Broadcast Channel interface consists of 4
wires: output clock (BCCK), output BC data
(BCDO), output BC frame sync. (BCSYNC) and
input BC data (BCDIN).
The data trasmitted and recived via the broadcast
channel interface are 8 bit bursts.
The most significant bit is transmitted first.
Fig.7 shows the broadcast channel serial data out
(BCDO) burst of 8 bit (MSB first). The data bits
are valid at the negative slope of the clock line
(BCCK).
The BCSYNC signal indicates the first byte of the
broadcast channel Service preamble (04H) allow-
ing an easy syncronization to external modules
using the BC data.
The input BC line (BCDI) must have the same
format of the BC output (BCDO). The data bit
must be valid on the negative edge of the output
clock line (BCCK).
The maximum delay allowed from the output data
and the input data is 4 bytes (4 bursts of 8 bits).
The input delay is programmable via I2C bus with
the BCIN_DELAY_REG register (01BH).
8.3 SERVICE COMPONENT INTERFACES
The STA002 provides two service component in-
terfaces which support the same protocol:
- SC DATA INTERFACE (SCEN, SCDO, SCCK)
- SOURCE DECODER INTERFACE (SEN, SDO, SCK)
The service component interfaces consists of 3
wires each. Output clock (SCCK/SCK), SC data
(SCDO/SDO) and SC byte sync (SCEN/SEN).
The data transmitted via the service component
interface are 8 bit bursts.
The most significant bit is transmitted first.
As shown in fig.8 the service component serial
data out (SCDO/SDO) combines burst of 8 bit
length (MSB first). The data bit are valid at the
negative edge of the clock line (SCCK/ SCK).
The slope change of the SCEN/SEN indicates the
most significative bit of the 8 bit service compo-
nent burst.
The SCEN/SEN signal is used if required for the
data bits alignement only.
76543210
76543210
76543210
76543210
AB
C
D
tclk
tclk-off
76543210
76543210
76543210
76543210
XYAB
PROGRAMMABLE DELAY FROM BC-OUT DATA
TO BC-IN DATA MAX 4 BYTE
D97AU744A
tclk-off < 1.2ms
tclk ~ 6.5µs
BCCK
BCDO
BCSYNC
BCDI
Fig. 7: Format Of The Broadcast Channel Interface (BC)
STA002
35/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com