Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics STA002 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
b2 : Illegal Address on
b3 : TDM out of frame on
b4 : RS block error on
b5 : SCH interrupt on
b6 : Test purpose
Reg name: STATUS REG
Internal address: 20EH
Type: R
Reset Value: 00H
MSB
LSB
X
X
b5
b4
b3
b2
b1
b0
Description: Status register:
b0 : TSCC available
b1 : BC lock
b2 : SCH available
b3 : PRC lock
b4 : MFP lock
b5 : SCCF available
5. VITERBI DECODER AND SYNCHRONIZATION
A Viterbi decoder has been implemented in the
STA002 in order to extract the most probable
transmitted sequence using a trace back proce-
dure.
This Viterbi decoder has been realized using 64-
bit trace back depth and the soft decision ap-
proach on the six-bit I and Q components coming
from the QPSK demodulator.
The convolutive codes are generated by the poly-
nomials Gx = 171oct and Gy = 133oct.
The Viterbi decoder computes for each symbol
the metrics of the four possible paths, propor-
tional to the square of the Euclidian distance be-
tween the recived I and Q and the theoretical
symbol value.
Four logical RAM banks (implemented with eight
RAM blocks of 32x64 bits) have been used for
the path memory.
The decoding latency is 256 bits.
A bit error (BER) estimator has been integrated in
the Viterbi block.
Corrected data bits at Viterbi output are encoded
according to the transmission convolutional code
so that a "good" stream is obtained. These data
are compared with the data stream coming from
the QPSK demodulator after having stored it into
a memory buffer to compensate the Viterbi la-
tency.
The number of wrong bits is accumulated into a
register according to a given time base ex-
pressed in number of bits and, assuming that the
BER at the output of the Viterbi decoder is negli-
gible with respect to the input BER, this count can
be read by the system micro controller to evalu-
ate the signal quality after QPSK demodulation.
The error rate measurement is programmable
throught the VITERBI_ERROR_CONTROL regis-
ter and the error rate is available in the registers:
- VIT_ERROR 1
- VIT_ERROR 2
Reg name: VITERBI_ERROR_CONTROL
Internal address: 204 H
Type: R/W
Reset Value: 00H
MSB
LSB
X
X
X
X
b3b2b1b0
Description: Viterbi input errors measurement
windows length and error mode presetting.
Monitor windows length (bits)
b1b0 =
00
01
10
11
1024
4096
16384
65536
Error Measurement Mode
b2
=
0
Single acquisition mode
b2
=
1
Continuous acquisition mode
b3
=
0
End measurement (single /continuous
acquisition )
b3
=
1
Single acquisition start
Reg name: VIT_ERR0R1, VIT_ERROR2
Internal address: 213 H , 214H
Type: R/W
VIT_ERROR 1 (ERROR COUNTER LOW)
MSB
LSB
A7
A6
A5
A4
A3
A2
A1
A0
VIT_ERROR 2 (ERROR COUNTER HIGH)
MSB
LSB
A15
A14
A13
A12
A11
A10
A9
A8
Description: Viterbi error counter register
STA002
25/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com