Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 11Page - STMicroelectronics STA002 Datasheet HTML 12Page - STMicroelectronics STA002 Datasheet HTML 13Page - STMicroelectronics STA002 Datasheet HTML 14Page - STMicroelectronics STA002 Datasheet HTML 15Page - STMicroelectronics STA002 Datasheet HTML 16Page - STMicroelectronics STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
b1
b0
PLL output clock (ADC input)
0
0
1
1
0
1
0
1
M_CLK (pin 9)
2XM_CLK (pin9)
Test purpose
Test purpose
b5
b4
INTR pin control
0
0
1
1
0
1
0
1
Normal function (from ERROR_REG)
BC_LOCK signal on INTR pin
MFP_LOCK signal on INTR pin
PRCP_ALL_LOCK on INTR pin
b3, b2: Test purpose
2.2 A/D CONVERTER
This block performs the analog to digital conver-
sion of the incoming IF input signal.
The ADC has a resolution of 6 bit and is based
on the so called Half Flash architecture to reduce
both area and power consumption.
The sampling rate depends on the M_CLK (Mas-
ter Clock) frequency and on the PLL presetting.
3. QPSK DEMODULATOR
3.1 QUADRATURE DEMODULATOR
The final base-band demodulation is performed in
this block.
The samples of the IF input signal are multiplied
by the sine and cosine functions to get the two in-
phase (I) and quadrature (Q) components of the
QPSK signal. The phase ambiguity inherent in
QPSK is solved in the frame synchronisation part.
A programmable bit allows to multiply by -1 the
quadrature component in order to accomodate
QPSK modulation with another convention of ro-
tation sense (this is equivalent to a permutation of
I and Q components).
The sine and cosine functions are generated by
an NCO using a phase accumulator and a look-
up table.
3.2. INTERPOLATOR NYQUIST FILTER
The I and Q components are filtered by a digital
Nyquist root filter with the following features:
Separate I and Q stream, Fck/Fsym samples per
symbols;
Raised root cosine shape with roll-off factor of
40%;
Separate I and Q output stream, 1 sample per
symbol.
This filter performs both the Nyquist filter function
(matched with the one in the transmission side)
and the interpolation function to compute the opti-
mum output sample.
3.3. TIMING RECOVERY
The timing loop is completely implemented digi-
tally and comprises the timing detector working at
symbol rate, a loop filter, the timing NCO and the
Nyquist/interpolator filters.
The loop is controlled by two parameters, al-
pha_tmg
and
beta_tmg
contained
in
the
TIMFLTPAR register.
3.3.1 Timing loop registers
Timing
loop
filter
parameter
register
(TIMFLTPAR)
Internal address: 8D H
Reset Value: 48H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
alpha_tmg
beta_tmg
Timing frequency registers (TIMINTG)
Internal address: 8E H
Reset Value: 0AH
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
signed number
The value of this register, when the system is
locked, is an image of the frequency offset.
Timing NCO frequency setting (SYMFREQ)
Internal address: 8C H 8B H 8A H
Reset Value
: 0CH 11H D3H
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
SYMFREQ3
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
SYMFREQ2
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
SYMFREQ1
This register is divided into three bytes. The LSB
byte is named SYMFREQ1, the MSB is named
SYMFREQ3.
STA002
15/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com