Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 13Page - STMicroelectronics STA002 Datasheet HTML 14Page - STMicroelectronics STA002 Datasheet HTML 15Page - STMicroelectronics STA002 Datasheet HTML 16Page - STMicroelectronics STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Carrier frequency registers (CARINTG)
Internal address: 94 H
Reset Value: 00H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
signed number
This register is formed by the 8 integrator MSBs
of the carrier loop filter.
The value of this register, when the system is
locked, is an image of the frequency offset.
It may be read or written at any time by the micro.
When written the integrator LSBs are reset.
Carrier NCO frequency setting register (IFFREQ)
Internal address: 93 H 92 H 91 H 90 H
Reset Value
: 00H C1H 1DH 37H
MSB
LSB
b31
b30
b29
b28
b27
b26
b25
b24
IFFREQ4
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
IFFREQ3
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
IFFREQ2
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
IFFREQ1
This register is divided into four bytes.
The LSB byte is named IFFREQ1, the MSB is
named IFFREQ4.
The 26 bits value to be written into this register is
given by:
IFFREQ
= INT 
IF
Fck
2
26
For example if M_CLK = 39.02687179MHz,
Fck = M_CLK/4
IFFREQ = 12655927 = (C11D37)HEX
which is the Reset Value.
Actual Carrier Frequency Register (CARFREQ)
Internal address: 96 H, 97 H, 98 H
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
CAR FREQ 3
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
CAR FREQ 2
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
CAR FREQ 1
This register contains the actual carrier frequency
value when the system is locked.
It is divided into 3 registers: CARFREQ3, down to
1 (CARFREQ3 is the MSB).
This register may be read at any time and it is
useful to store the value of the recovered carrier.
If the system unlocks (due, to a lack of signal
etc.) the carrier NCO could be initialized with this
value to speed-up the tracking process.
3.4.2 Loop parameters
Like the timing loop the carrier loop is a second
TABLE 1. Timing loop parameters (m= 22; KD = 0.356; M_CLK = 39.02687179MHz)
beta_tmg
012
3456789
10
fn(Hz)
NA
25
36
51
72
102
144
204
288
408
577
alpha_tmg
Damping factor
0
1
2
3
4
5
6
7
NA
NA
NA
NA
NA
NA
NA
NA
NA
0.71
1.42
2.85
5.70
11.4
22.8
45.6
NA
0.50
1.01
2.01
4.03
8.06
16.1
32.2
NA
0.36
0.71
1.42
2.85
5.70
11.4
22.8
NA
0.25
0.50
1.01
2.01
4.03
8.06
16.1
NA
0.18
0.36
0.71
1.42
2.85
5.70
11.4
NA
0.13
0.25
0.50
1.01
2.01
4.03
8.06
NA
0.09
0.18
0.36
0.71
1.42
2.85
5.70
NA
0.06
0.13
0.25
0.50
1.01
2.01
4.02
NA
0.04
0.09
0.18
0.36
0.71
1.42
2.85
NA
0.03
0.06
0.13
0.25
0.50
1.01
2.01
STA002
17/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com