Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 10Page - STMicroelectronics STA002 Datasheet HTML 11Page - STMicroelectronics STA002 Datasheet HTML 12Page - STMicroelectronics STA002 Datasheet HTML 13Page - STMicroelectronics STA002 Datasheet HTML 14Page - STMicroelectronics STA002 Datasheet HTML 15Page - STMicroelectronics STA002 Datasheet HTML 16Page - STMicroelectronics STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
2. IF INTERFACE
The Master Clock (M_CLK) is the source of all
the STA002 internal timings.
M_CLK is internally divided to drive the A/D con-
verter and to provide the clock signal for the
QPSK block.
The IF input signal, centered at 1.84MHz, is over-
sampled at a frequency Fck of M_CLK/4 or
M_CLK/2 according to STA002 presettings.
2.1 PLL
This fully integrated PLL includes the phase/fre-
quency detector, the charge pump, the filter and
the VCO.
The PLL output frequency Fck can be selected via
I
2C interface according to the PLL_INT_REG.
Reg. name: PLL_INT_REG
Internal address: 21E H
Reset Value
: 00H
Type: R/W
MSB
LSB
X
X
b5
b4
b3
b2
b1
b0
Description: PLL and INTR pin control register
1.5.5 TDM_MULTIPLEX Registers (continued)
HEX_COD
DEC_COD
REGISTER NAME
TYPE
RESET
VALUE
22EH
558
RESERVED
R
0EH
22FH
559
RESERVED
R
12H
230H
560
RESERVED
R
32H
231H
561
RESERVED
R
0CH
232H
562
RESERVED
R
1CH
233H
563
RESERVED
R
2FH
234H
564
RESERVED
R
0AH
235H
565
RESERVED
R
0BH
236H
566
RESERVED
R
2AH
237H
567
RESERVED
R
09H
23CH
568
TEST_PURPOSE
R
09H
23DH
569
TEST_PURPOSE
R
09H
237EH
570
TEST_PURPOSE
R
09H
1.5.6 TSCC_MEM Registers
HEX_COD
DEC_COD
REGISTER NAME
TYPE
RESET
VALUE
300H
768
TSCW 1 (7:0)
R
301H
769
TSCW 1 (15:8)
R
302H
770
TSCW 2 (7:0)
R
303H
771
TSCW 2 (15:8)
R
304H
772
TSCW 3 (7:0)
R
305H
773
TSCW 3 (15:8)
R
306H
774
TSCW 4 (7:0)
R
307H
775
TSCW 4 (15:8)
R
3BCH
956
TSCW 95 (7:0)
R
3BDH
957
TSCW 95 (15:8)
R
3BEH
958
TSCW 96 (7:0)
R
3BFH
959
TSCW 96 (15:8)
R
3C0H
960
TSCW ID (7:0)
R
3C1H
961
TSCW ID (15:8)
R
STA002
14/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com