Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics STA002 Datasheet HTML 29Page - STMicroelectronics STA002 Datasheet HTML 30Page - STMicroelectronics STA002 Datasheet HTML 31Page - STMicroelectronics STA002 Datasheet HTML 32Page - STMicroelectronics STA002 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Reg name: PIW_ RAM
Internal address: 03F,03E, 03D, 03C,
03B, 03A, 039, 038,
Type: W
PIW_RAM (63:56) (addr 03F)
MSB
LSB
b63
b62
b61
b60
b59
b58
b57
b56
PIW_RAM (55:48) (addr 03E)
MSB
LSB
b55
b54
b53
b52
b51
b50
b49
b48
PIW_RAM (47:40) (addr 03D)
MSB
LSB
b47
b46
b45
b44
b43
b42
b41
b40
PIW_RAM (39:32) (addr 03C)
MSB
LSB
b39
b38
b37
b36
b35
b34
b33
b32
PIW_RAM (31:24) (addr 03B)
MSB
LSB
b31
b30
b29
b28
b27
b26
b25
b24
PIW_RAM (23:16) (addr 03A)
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
PIW_RAM (15:8) (addr 039)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
PIW_RAM (7:0) (addr 038)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b63 tob0 contain the prestored initialization word
0 which is the only one downloadable by the
processor.
Reg name: EM_REG
Internal address: 018H
Type: R/W
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description :
Encryption mode register
b7 to b1 = not used RFU
b0 indicate the encryption mode (1)
1: normal encryption mode
0: enable blocking
(1) for more information refer to document
number WST-WSG-DDS-003-500000
Chipset Encryption Implementation Specification
for World space receiver
Reg name: PIWE_REG
Internal address: 01AH, 019H
Type: R/W
PIWE (15:8) (addr 01AH)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
PIWE (7:0) (addr 019H)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description :
b15 to b0 contain the 16 BIT static key selector
word. Each bit PIWE enables a certain static key.
If bit A0 of PIWE is set, the static key 0 will be en-
abled for read out and so forth.
Reg name: BCIN_DELAY_REG
Internal address: 01BH
Type: R/W
Default 00H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description : BC input delay and BC input enable
register
b0: enables external BC input
STA002
29/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com