Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 35Page - STMicroelectronics STA002 Datasheet HTML 36Page - STMicroelectronics STA002 Datasheet HTML 37Page - STMicroelectronics STA002 Datasheet HTML 38Page - STMicroelectronics STA002 Datasheet HTML 39Page - STMicroelectronics STA002 Datasheet HTML 40Page - STMicroelectronics STA002 Datasheet HTML 41Page - STMicroelectronics STA002 Datasheet HTML 42Page - STMicroelectronics STA002 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
8.6 I/O CELL DESCRIPTION
1) CMOS Output Pad Buffer, 2mA, with Slew Rate Control / Pins number 2, 13, 18, 24, 27, 28, 29, 31,
36, 37, 39, 41, 43
A
D98AU920
Z
OUTPUT PIN
MAX LOAD
Z
50pF
2) CMOS Schmitt Trigger Bidir Pad Buffer, 4mA, with Slew Rate Control / Pin number 10
EN
A
D98AU921
ZI
IO
INPUT PIN CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
5pF
IO
100pF
3) CMOS Schmitt Trigger Input Pad Buffer / Pin number 16
A
D98AU923
Z
INPUT PIN
CAPACITANCE
A
3.5pF
4) CMOS Input Pad Buffer with Active Pull-Down / Pins number 11, 11, 12
A
D98AU923
Z
INPUT PIN
CAPACITANCE
A
3.5pF
5) CMOS Input Pad Buffer / Pins number 10, 22, 23, 25, 32, 33, 34, 44
A
D98AU906
Z
OUTPUT PIN
CAPACITANCE
A
3.5pF
6) CMOS Input Pad Buffer with Active Pull-Up / Pin number 20
A
D98AU907
Z
OUTPUT PIN
CAPACITANCE
A
3.5pF
STA002
39/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com