Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics STA002 Datasheet HTML 29Page - STMicroelectronics STA002 Datasheet HTML 30Page - STMicroelectronics STA002 Datasheet HTML 31Page - STMicroelectronics STA002 Datasheet HTML 32Page - STMicroelectronics STA002 Datasheet HTML 33Page - STMicroelectronics STA002 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
BC input delay (bytes)
b2b1 =
00
01
10
11
1
2
3
4
b3: Test purpose (must be set at 0 in functional
mode)
b7 to b4: test purpose
Reg name: BC_ALARM_REG
Internal address: 01CH
Type: R/W
Default:20H
MSB
LSB
X
X
b5
b4
b3
b2
b1
b0
Description: BC finite state machine control regis-
ter (see table 6)
b5 indicates the BC synchronization mode
1: SP preamble detection
0: Synch from PRC
Reg name: IW_REG
Internal address: 017, 016, 015, 014,
013, 012, 011, 010,
Type: W
IW_REG (63:56) (addr 017)
MSB
LSB
b63
b62
b61
b60
b59
b58
b57
b56
IW_REG (55:48) (addr 016)
MSB
LSB
b55
b54
b53
b52
b51
b50
b49
b48
IW_REG (47:40) (addr 015)
MSB
LSB
b47
b46
b45
b44
b43
b42
b41
b40
IW_REG (39:32) (addr 014)
MSB
LSB
b39
b38
b37
b36
b35
b34
b33
b32
IW_REG (31:24) (addr 013)
MSB
LSB
b31
b30
b29
b28
b27
b26
b25
b24
IW_REG (23:16) (addr 012)
MSB
LSB
b23
b22
b21
b20
b19
b18
b17
b16
IW_REG (15:8) (addr 011H)
MSB
LSB
b15
b14
b13
b12
b11
b10
b9
b8
IW_REG (7:0) (addr 010H)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description:
b63 to b0 contain the initialization word IW.
Table 6: BC_ALARM_REG
b4
b3
b2
b1
b0
BC FSM active states
0
0
0
0
0
sp_detection, sp_presync, sp_sync
1
0
0
0
0
sp_detection, sp_presync, sp_sync, alarm_state (1 cycle)
1
0
0
0
1
sp_detection, sp_presync, sp_sync, alarm_state (2 cycles)
1
0
0
1
0
sp_detection, sp_presync, sp_sync, alarm_state (3 cycles)
1
0
0
1
1
sp_detection, sp_presync, sp_sync, alarm_state (4 cycles)
1
-
-
-
-
sp_detection, sp_presync, sp_sync, alarm_state (n cycles)
1
1
1
1
0
sp_detection, sp_presync, sp_sync, alarm_state (15 cycles)
1
1
1
1
1
sp_detection, sp_presync, sp_sync, alarm_state (16 cycles)
STA002
30/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com