Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics STA002 Datasheet HTML 26Page - STMicroelectronics STA002 Datasheet HTML 27Page - STMicroelectronics STA002 Datasheet HTML 28Page - STMicroelectronics STA002 Datasheet HTML 29Page - STMicroelectronics STA002 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
6. REED SOLOMON DECODER
The STA 002 performs a real time block decoding
operation both on the Time Slot Control Channel
(TSCC) field and on the Broadcast Channel (BC)
stream by means of a programmable Reed-Solo-
mon (RS) decoder.
This decoder works on blocks of 255 words of 8
bit symbols where the first 223 words represent
the information and the last 32 the code redun-
dancy.
The synchrobyte is the first byte of the block.
All the correction capability of the code is used so
it is possible the correction of blocks containing
up to 16 errors while blocks with greater number
of errors are flagged as corrupted.
The RS decoder is programmable to support two
different Galois field generator polynomials as re-
quired by WorldSpace specifications and includes
an integrated BER estimator.
Monitoring the number of wrong words in each
block and correlating this number with the block
length, it is possible, provided that no corrupted
blocks are present, to get an estimation of the
signal quality at the Viterbi decoder output.
6.1 TSCC REED SOLOMON DECODER
The code generator polynomial is:
g(X) =
∏
J
= 112
143
(x − α11J) over the Galois Field
generated by X
8+X7+X2+X+1.
6.2 BROADCAST CHANNEL RS DECODER
AND DESCRAMBLER.
The code generator polynomial is:
g(x) = (x-
ω°) (x-ω1) (...) (x-ω31)
over the Galois Field generated by:
X
8+X4+X3+X2+1=0
6.3 ENERGY DISPERSAL DESCRAMBLER
The descrambler generator polynomial is:
X
9+X5+1
Reg name: RS_ERROR_CONTROL
Internal address: 212H
Type: R/W
Reset Value: 00H
MSB
LSB
X
X
X
X
b3b2b1b0
Description: Reed Solomon input errors measure-
ment windows length and error mode presettings
Monitor windows length (blocks)
b1b0 =
00
01
10
11
3
64
256
1024
Error Measurement Mode
b2
=
0
Single acquisition mode
b2
=
1
Continuous acquisition mode
b3
=
0
End measurement (single /continuous
acquisition
b3
=
1
Single acquisition start
Reg name: RS_BYTE_ERROR1,
RS_BYTE_ERROR2
Internal address: 215 H , 216H
Type: R/W
RS_BYTE_ERR0R1 (ERROR COUNTER LOW)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
RS_BYTE_ERROR
2
(ERROR
COUNTER
HIGH)
MSB
LSB
X
X
b13
b12
b11
b10
b9
b8
Description: RS byte error counter register
Reg name: RS_BLOCK_ERROR
Internal address: 217H
Type: R/W
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description: RS block error counter register
STA002
26/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com