Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 4 Page - STMicroelectronics

  STA002 Datasheet HTML 1Page - STMicroelectronics STA002 Datasheet HTML 2Page - STMicroelectronics STA002 Datasheet HTML 3Page - STMicroelectronics STA002 Datasheet HTML 4Page - STMicroelectronics STA002 Datasheet HTML 5Page - STMicroelectronics STA002 Datasheet HTML 6Page - STMicroelectronics STA002 Datasheet HTML 7Page - STMicroelectronics STA002 Datasheet HTML 8Page - STMicroelectronics STA002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ELECTRICAL CHARACTERISTICS: VDD = 3.3V
±0.3V; Tamb = 0 to 70°C; Rg = 50Ω unless otherwise
specified
DC OPERATING CONDITIONS
Symbol
Parameter
Value
VDD
Power Supply Voltage
2.7 to 3.6V
Tj
Operating Junction Temperature
-20 to 125°C
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
IIL
Low Level Input Current
Without pull-up device
Vi = 0V
-10
10
µA1
IIH
High Level Input Current
Without pull-up device
Vi = VDD
-10
10
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA
2000
V
2
Note 1: The leakage currents are generally very small, < 1nA. The value given here is a maximum that can occur after an electrostatic stress
on the pin.
Note 2: Human Body Model.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
VIL
Low Level Input Voltage
0.2*VDD
V
VIH
High Level Input Voltage
0.8*VDD
V
Vol
Low Level Output Voltage
Iol = Xma
0.4V
V
1, 2
Voh
High Level Output Voltage
0.85*VDD
V
1, 2
Note 1: Takes into account 200mV voltage drop in both supply lines.
Note 2: X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
PULL_UP & PULL_DOWN CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Ipu
Pull-up current
Vi = 0V
-25
-66
-125
µA1
Ipu
Pull-up current
Vi = VDD
25
66
125
µA1
Rpu
Equivalent Pull-up
Resistance
Vi = 0V
50
k
Ω
Rpu
Equivalent Pull-down
Resistance
Vi = VDD
50
k
Ω
Note 1: Min. condition: VDD = 2.7V, 125°C Min process
Max. condition: VDD = 3.6V, -20°C Max.
M_ CLK Electrical Characteristics (Pin number 9)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vil
Low Level Input Voltage
VDD -1.7
V
Vih
High Level Input Voltage
VDD -0.9
V
Vref
Input Reference Voltage
VDD -1.3
V
POWER DISSIPATION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
PD
Power Dissipation
@ VDD = 3V
M_CLK = 39,0269MHz
80
mW
STA002
4/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com