Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA002 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA002
Description  STARMANO CHANNEL DECODER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA002 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA002 Datasheet HTML 17Page - STMicroelectronics STA002 Datasheet HTML 18Page - STMicroelectronics STA002 Datasheet HTML 19Page - STMicroelectronics STA002 Datasheet HTML 20Page - STMicroelectronics STA002 Datasheet HTML 21Page - STMicroelectronics STA002 Datasheet HTML 22Page - STMicroelectronics STA002 Datasheet HTML 23Page - STMicroelectronics STA002 Datasheet HTML 24Page - STMicroelectronics STA002 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
The relation between C/N and the required value
(CNCNT) is given in the table 3 for three AGC2
reference levels. A value of 255 means overflow.
3.8.2 Control Register
There are two parameters to control the C/N esti-
mator circuit CNTHR and SN located in the
QPSK _CONTROL 2 register.
The CNTHR parameter (2 bits) sets the threshold
value under which the circuit is activated.
The SN parameter (2bits) sets the measure time
internal.
Both there two parameters are given in the fol-
lowing tables:
CNTHR
THRESHOLD
00
01
10
11
8
12
16
NA
SN
TIME INTERVAL IN SYMBOLS
00
01
10
11
1024
4096
16384
65536
A suitable value of the threshold and time inter-
val must be chosen to have a good level of confi-
dence of the C/N estimate.
To increase the measure accuracy is advisable to
average several values.
Before starting the measure the CNCNT register
must be reset and can be read after the selected
time internal.
A flag bit (CNFLAG) is set to 1 to indicate that a
value is available in the CNCNT register.
3.9 CONTROL REGISTERS
QPSK_CONTROL1 register
Internal address: 80 H
Reset Value: 10H
MSB
LSB
X
b6b5b4b3
X
X
X
b6 : AGC1CHS
b5 : CAR CHS
b4 :TIMCHS
b3 : QCHP
AGC1CHS changes the polarity of the AGC sig-
nal at output pin.
CARCHS and TIMCHS change the sign of the
carrier tracking loop and symbol tracking loop re-
spectively.
QCHS inverts the sign of the Q component.
QPSK_CONTROL2 register
Internal address: 81 H
Reset Value: 90H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PFDTHR
CNTHR
SN
TABLE 3. Correspondence between C/N and the CNCNT register contents.
C/N(dB)
Eb/No|QPSK
CNTHR = 8
CNTHR = 12
CNTHR = 16
m = AGC2_ REF
16
22
26
16
22
26
16
22
26
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
161
155
148
140
132
122
113
105
92
84
71
65
58
49
42
34
32
30
121
112
102
91
79
68
55
46
33
26
20
14
9
5
3.4
2.4
1.5
0.9
101
93
84
73
61
50
38
28
20
13
8
6
3.2
1.6
0.9
0.5
0.25
0.07
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
177
173
168
161
155
148
141
134
125
118
112
103
93
84
77
70
66
61
151
145
138
130
120
110
100
89
79
67
57
51
40
32
27
23
19
13
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
193
192
190
186
184
180
177
174
170
165
161
158
154
149
144
141
137
131
The value are the average of 1000 readings of the CNCNT register.
STA002
21/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com