Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 4Page - STMicroelectronics STLC1512 Datasheet HTML 5Page - STMicroelectronics STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
STLC1512
8/26
4.3 Programmable Gain Amplifier (PGA) Performance Specifications
It should be noted that the PGA and LPF in the receive path must be AC coupled to avoid problems with ampli-
fying any offsets.
Both the PGA and the amplifiers are specified in terms of the silicon only. This is to allow the system design to
be more flexible. The appendices show how to convert some of the silicon specs to system specs.
Figure 3. Power Supply Rejection of the Power Amplifier
1
<1>This is a nominal specification. 6 dB of margin should be added to arrive at a worst case spec.
Table 5. PGA performance Specifications
Unless otherwise specified, NOM specifications apply for VCC=5.0V, temperature range outlined in Table 4.4,
nominal process and bias current. MAX and MIN performances with 5% variation on VCC, -40 <= Tambient <=85
oC,
and worst case process and bias current and a minimum load of 440 W.
DESCRIPTION
MIN
NOM
MAX
UNITS
COMMENTS
Absolute Voltage Gain1,2
D=00
D=01
D=10
D=11
11.4
1.4
-5.6
-19.8
11.8
1.8
-5.2
-19.2
12.2
2.2
-4.8
-18.8
dB
dB
dB
dB
Where ‘D’ is the binary value
of the control word
[PGA1, PGA0]
Gain settings are from the pin
PGAIN to pin PGAOUT (See
‘application diagram’)
WDB (PAOUT)
-40
-60
-80
-100
3.00e+04
1.00e+05
6.00e+05
Hz
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com