Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 5Page - STMicroelectronics STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
STLC1512
Relative Gain Accuracy2,3
11.8<--> 1.8dB step
1.8<--> -5.2 dB step
-5.2 <--> -19.2 dB step
-0.15
-0.17
-0.2
0
0
0
0.15
0.17
0.2
dB
dB
dB
Assume a fixed Vcc,
temperature, and frequency
Gain Variation with
Temperature<Superscript>2,<Sup
erscript>3,
-0.1
0
0.1
dB
For a fixed Vcc and frequency
(30kHz <=f<=120kHz) relative
to 27o
Gain Variation with Supply
Voltage<Superscript>2,<Superscri
pt>3,
-0.1
0
0.1
dB
For a fixed frequency (30kHz
<=f<=120kHz) and fixed
temperature relative to
Vcc=5.0V
Gain Variation with
Frequency
30KHz <= f <= 120Khz
-0.1
-0.001
dB
For a fixed Vcc and
temperature relative to 30kHz
Signal to Distortion Ratio
Measured at pin PGAOUT for
a minimum load impedance of
440 Ohm and maximum
output signal of 1.1Vp. The
important test is the multi tone
test. The two tone specs exist
because there may be a
problem testing a multi tone
wave. They will be correlated
at bench.
D=00
Two tone4
IM2 @ 200kHz
IM3 @ 100kHz
Output DS Multi-tone Echo5
30kHz<=f<=120kHz
86
86
86
dB
dB
dB
D=01
Two tone4
IM2 @ 200kHz
IM3 @ 100kHz
Output DS Multi-tone Echo5
30kHz<=f<=120kHz
80
80
80
dB
dB
dB
D=10
Two tone4
IM2 @ 200kHz
IM3 @ 100kHz
Output DS Multi-tone Echo5
30kHz<=f<=120kHz
76
76
76
dB
dB
dB
D=11
Two tone4
IM2 @ 200kHz
IM3 @ 100kHz
Output DS Multi-tone Echo5
30kHz<=f<=120kHz
76
76
76
dB
dB
dB
Input Referred Noise Voltage6
at D=00
at D=01
at D=10
at D=11
5.8
11.6
22.5
95
7.5
15
30
133
nV/
√Hz
nV/
√Hz
nV/
√Hz
nV/
√Hz
Measured at PGAOUT and
referred to PGAIN.
Tested at
f=30kHz,120kHz,150kHz and
500kHz
Table 5. PGA performance Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com