Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC1512 Datasheet HTML 1Page - STMicroelectronics STLC1512 Datasheet HTML 2Page - STMicroelectronics STLC1512 Datasheet HTML 3Page - STMicroelectronics STLC1512 Datasheet HTML 4Page - STMicroelectronics STLC1512 Datasheet HTML 5Page - STMicroelectronics STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
STLC1512
November 2000
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
Low power architecture -- Class AB, current
drive, output stage through a centre tapped
transformer to facilitate power supply switching
between 5.0V and a lower voltage. (3.3V in the
reference design) This gives a reduction in
power consumption.
s
480mW power consumption with a typical G.lite
signal.
s
600mA current driving capability
s
Positive +5.0V and one lower supply. (3.3V in
the reference design)
s
Switching power supplies to save power
s
Thermal overload shutdown
s
Four programmable receive gains
s
Opamp for a low pass filter in the receive path
s
Undedicated opamp with separate power down
control (used as a transmit path filter in the
reference design)
s
Separate power down control for Tx and Rx
path
s
48-pin TQFP (7x7x1.4mm) package
1.0 GENERAL DESCRIPTION
The STLC1512 G.lite line driver chip contains the line
driver as well as part of the receive path required in a
central office G.lite modem. It provides an interface
between the AFE chip (STLC1511) and the tele-
phone line. The line driver chip has been designed
with low power consumption, high signal to noise
plus distortion ratio and high current driving capabili-
ty.
TQFP48 (7x7x1.40)
ORDERING NUMBER: STLC1512
PRODUCT PREVIEW
NorthenLite™ G.lite Loop Driver
Figure 1. Block Diagram
TXANG
RBIAS
RXPD
LPFOUT
LPFIN
REF2P5
DCFBON
DCFBOP
FPN
FPP
PAIP
PAIN
PWRVEEx
PAOPx
BUFFP
BUFFN
PAONx
PGA
RX REF
Buffer
LPF AMP
BIAS
Thermal
Shutdown
Preamp
Power
Stage
DC
Feedback
Amp
OPAMP
TX REF
Buffer
AMPPD
TXPD
PGAIN
PGA1
PGA0
RXANG
DCFBIN
DCFBIP
AMPIP
AMPIN
AMPOUT
PGAOUT


Similar Part No. - STLC1512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
More results

Similar Description - STLC1512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC1511 STMICROELECTRONICS-STLC1511 Datasheet
358Kb / 31P
NorthenLite 1.0 G.lite BiCMOS Analog Front-End Circuit
Nov-2000
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com