Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC1512 Datasheet HTML 1Page - STMicroelectronics STLC1512 Datasheet HTML 2Page - STMicroelectronics STLC1512 Datasheet HTML 3Page - STMicroelectronics STLC1512 Datasheet HTML 4Page - STMicroelectronics STLC1512 Datasheet HTML 5Page - STMicroelectronics STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
STLC1512
2.3 Pin Description
The pin description for the STLC1512 is given in the following Table 1.
Table 1. Pin Description
Pin #
Pin Name
Pin Type
Pin Description1
1
PGAOUT
AO
Rx PGA output (programmable gain amplifier)
2
PGAIN
AI
Rx PGA input
3
RXANG
AO
2.5V Rx buffered reference
4
RXVCC1
VCC
+5.0V supply for Rx path circuitry
5
RXVCC2
VCC
+5.0V supply for Rx path circuitry
6
QVEERX
VEE
Quiet ground for the Rx circuitry
7
RXVEE1
VEE
Ground for Rx path circuitry
8
RXVEE2
VEE
Ground for Rx path circuitry
9
PGA0
DI
PGA gain setting control bit 0
10
PGA1
DI
PGA gain setting control bit 1
11
TXPD
DI
Tx path power down control (Active low)
12
AMPPD2
DI
Undedicated opamp power down control (Active low)
13
RXPD
DI
Rx path power down control (Active low)
14
PWRVEE4
VEE
Power stage ground.
15
PWRVEE3
VEE
Power stage ground.
16
PAON2
AO
Tx Power Amplifier Negative output
17
PAON1
AO
Tx Power Amplifier Negative output
18
BUFFN
AO
Current generator buffer negative output
19
BUFFP
AO
Current generator buffer positive output
20
PAOP2
AO
Tx Power Amplifier Positive output
21
PAOP1
AO
Tx Power Amplifier Positive output
22
PWRVEE2
VEE
Power stage ground.
23
PWRVEE1
VEE
Power stage ground.
24
NC
Not connected
25
DCFBIN
AI
Power amp DC feedback amplifier negative input
26
DCFBIP
AI
Power amp DC feedback amplifier positive input
27
QVEETX
VEE
Quiet ground for Tx circuitry
28
TXVEE3
VEE
Ground for Tx path circuitry
29
TXVEE2
VEE
Ground for Tx path circuitry
30
TXVEE1
VEE
Ground for Tx path circuitry
31
TXVCC1
VCC
+5.0V supply for power amp output stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com