Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics STLC1512 Datasheet HTML 16Page - STMicroelectronics STLC1512 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
STLC1512
<4>A multi-tone sine wave is used for the DS (Down Stream) Multi-tone test. (The multi-tone signal will be 91 sine waves equally
spaced from 35x4.3125kHz to 125x4.3125kHz with a peak-to-rms ratio of 5.3, an rms voltage equal to 207mV and a tone amplitude
of 30.7mV.) The multi-tone test measures the difference between the rms voltage of a single tone at the output to the rms voltage
of the maximum distortion product at the output in the band of interest.
<5>The undedicated op amp specs are available in two configurations since it is undetermined which way the opamp will be used in
the application. The distortion specs for the 2 configurations are very different.
Figure 5. Circuit Connection for Measuring Distortion
Figure 6. Power Supply Rejection of the Amplifier
1
<1>This curve is a nominal simulation. 6 dB of margin should be added for worst case.
R
R
Negative Unity Gain
Positive Unity Gain
+
-
+
-
Vin
Vin
VDB (AM POUTX)
10
0
-20
-40
-60
-80
1e+02
1e+08
1e+05
Hz
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com