Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics STLC1512 Datasheet HTML 16Page - STMicroelectronics STLC1512 Datasheet HTML 17Page - STMicroelectronics STLC1512 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
STLC1512
14/26
4.5 Supply Rating and Operating Environment
4.5.1 Environment Conditions
4.5.2 Maximum and Minimum Voltage Ratings
4.5.3 Power Supplies
Table 8. Environment conditions
PARAMETER
UNITS
CONDITIONS
Ambient Temperature Range (long-term)
-40 to +80
oC
Ambient Temperature Range (Short-term)1
<1>Short-term is defined as no greater than 96 consecutive hours and 15 days per year
-40 to +85
°C
Table 9. Maximum and Minimum Voltage Ratings
PINS
Maximum
Minimum
All Vcc pins
6.5V
-0.5V
All other pins
Vcc+0.4V
-0.4V
Table 10. Power Supply
V/I (PIN NAMES)
Description
MIN
NOM
MAX
UNIT
COMMENTS
V(TXVCC1..2)
Supply voltage for
Power Stage
4.75
5.0
5.25
V
V(TXVCC3)
Supply voltage for TX
Path
4.75
5.0
5.25
V
V(RXVCC1..2)
Supply voltage for RX
path
4.75
5.0
5.25
V
V(PWRVEE1..4)
Ground for PA
0
V
V(TXVEE1..3))
Ground for Tx path
0
V
V(RXVEE1..2))
Ground for Rx path
0
V
P(TXVCC1..2)
Current drawn by
TXVCC1..2
36.6
mArms
While passing a
full scale signal. 1
P(TXVCC1..2)
Current drawn by
TXVCC1..2
12.8
15.6
mArms
Quiescent Current
P(TXVCC3)
Current drawn by
TXVCC3
12
mArms
While passing a
full scale
signal.<Superscri
pt>1
P(TXVCC3)
Current drawn by
TXVCC3
7.5
9.2
mArms
Quiescent Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com