Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics STLC1512 Datasheet HTML 16Page - STMicroelectronics STLC1512 Datasheet HTML 17Page - STMicroelectronics STLC1512 Datasheet HTML 18Page - STMicroelectronics STLC1512 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15/26
STLC1512
4.5.4 Power Supply Noise
4.5.5 References
P(RXVCC1..2)
Current drawn by
RXVCC
8.6
mArms
While passing a
full scale
signal.<Superscri
pt>1
P(RXVCC1..2)
Current drawn by
RXVCC
6.6
8.4
mArms
Quiescent Current
P(PAON/PAOP)
Current supplied
through the center
tap of the
transformer.
93
mArms
RMS while driving
a DMT
signal.<Superscri
pt>1
P(PAON/PAOP)
Current supplied
through the center
tap of the
transformer.
20
36
mArms
Quiescent Current
<1>The nominal power is all that is available for the active power because the power is very dependent on the line impedance.
Table 11. Power Supply Noise
Noise Band
Maximum RXVCC Supply Noise
Spectral Density
Maximum TXVCC Supply Noise Spectral
Density
30kHz<f<120kHz
0.2uVrms/
√Hz @ 120kHz, rising 20dB per
decade for decreasing frequency
10uVrms/
√Hz@120kH,following 10dB per
decade for decreasing frequency to
3uVrms/
√Hz @ 30kHz
150kHz<f<540kHz
0.1uVrms/
√Hz@540kHz, rising 20dB per
decade for decreasing frequency
1uVrms/
√Hz@540kHz, rising 20dB per
decade for decreasing frequency to
7uVrms/
√Hz @150kHz
Table 12. References
PIN NAMES
Description
MIN
NOM
MAX
UNIT
COMMENTS
RBIAS
External resistance
for bias current
generation
12.3
12.4
12.5
K
Ω
To create 200uA
bias current.
REF2P5
External reference
voltage for AC
Ground.
2.425
2.5
2.575
V
External reference
voltage must be
3% accurate
I(REF2P5)
Current supplied to
REF2P5
3.75uA
8.25uA
V
TXANG/
RXANG
Tx and Rx AC ground
current sinking
capability
REF2P5*
0.97
REF2P5
REF2P5*
1.03
V
1mA source/sink
Table 10. Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com