Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 18Page - STMicroelectronics STLC1512 Datasheet HTML 19Page - STMicroelectronics STLC1512 Datasheet HTML 20Page - STMicroelectronics STLC1512 Datasheet HTML 21Page - STMicroelectronics STLC1512 Datasheet HTML 22Page - STMicroelectronics STLC1512 Datasheet HTML 23Page - STMicroelectronics STLC1512 Datasheet HTML 24Page - STMicroelectronics STLC1512 Datasheet HTML 25Page - STMicroelectronics STLC1512 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
STLC1512
Appendix D - Headroom Calculation for Switching
The headroom for switching can be determined from the numbers in Table 4. The switching headroom is 0.70
V at low currents (i.e. while on the low supply rail) and 0.85 V at high currents (i.e. while on the high supply rail).
The most difficult number to arrive at is the voltage that will appear at the pins PAOP1,2 and PAON1,2. This is
a combination of the input voltage, the line impedance and the losses in the transformers.
For a 100
Ω load the maximum signal on the line will be 10.7 V. Since we are generating an active 100Ω output
impedance the voltage on the line for any other load is given by:
(EQ D.1)
where Zo is the line impedance and Vline is the voltage on the line.
There are various losses in the transformers that can be modeled as resistors. To calculate the effect of these
losses we must know the current through the load which is given by:
(EQ D.2)
The loss through the line transformer can be modeled as a 2.6
Ω resistor. There is also a drop across the two
10
Ω reference resistors. Therefore to determine the voltage at the output of the switched transformer we have:
(EQ D.3)
At this point there is some additional current that flows through the hybrid balance network. This current flows through
a resistance that is equivalent to 1270
Ω. Therefore the current flowing out of the switched transformer is:
(EQ D.4)
The switched transformer has losses that can be modeled as a 3.6
Ω resistor and has a 4:1 turns ratio. Therefore
the voltage at the primary side of the transformer is given by:
(EQ D.5)
Where VPAOx is the voltage at the output pins of the power amp. This is essentially the amount of headroom
required to drive a full scale signal into the desired line impedance (Zo). Equation D.1 to Equation D.5 can be
combined to calculate the required headroom to drive a certain impedance.
(EQ D.6)
Where VPAOx is the required headroom to drive Vn volts out onto a line with the impedance Zo. This equation
can be rearranged to calculate the switching threshold. The headroom can be determined from the drop across
the diode from the low supply and the low current drive capability of the amplifier given in Table (0.70V).
(EQ D.7)
Where Vsupplymin is the minimum value for the lower supply, Vheadroom is the headroom available on the low supply
and Vdiode is the voltage drop across the diode when it has the appropriate amount of current flowing through it.
Substituting Vheadroom in for VPAOx in Equation D.7 you can determine the allowable output voltage Vn. This can
be scaled to the nominal value of 10.7V (full scale) to determine a switching threshold based on the full scale
level of the signal.
The headroom calculation is worst at maximum line impedance. There is also a supply rail requirement for the
high (5.0V) supply which is based on being able to supply enough current to drive an 80
Ω line impedance. This
is not a trivial calculation and has been based on simulations. The possibility exists that the requirements on the
minimum supply voltage may be able to be reduced in the future.
V
li ne
2 10.7
()
Z
o
100
Z
o
+
-----------------------



=
I
l oad
V
line
Z
o
------------
=
V
sw txout
V
line
20
2.6
+
()I
loa d
+
=
I
sw txout
I
loa d
V
sw tx ou t
1270
----------------------
+
=
V
PA Ox
V
sw tx out
3.6 I
sw txout
()
+
4
---------------------------------------------------------------
=
V
PA Ox
V
n
2
------
Z
o
20
2.6
3.6
Z
o
20
2.6
++
1270
----------------------------------
1
+


++
+
Z
o
100
+
---------------------------------------------------------------------------------------------------





=
V
hea droo m
V
supply min
0.70
V
dio de
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com