Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
STLC1512
10/26
Input Impedance (over
process)7,8
4.0
5
6.0
k
Measure at pin PGAIN. For all
PGA gains
Input Impedance (over
temperature)7,9
-10%
10%
k
Measure at pin PGAIN. For all
PGA gains
Input Impedance (over process
and temperature)7,10
3.5
5
6.5
k
Measure at pin PGAIN. For all
PGA gains
Input Signal Level @ PGAIN
0
Vcc+0.1
V
Single ended input
Maximum Output Signal Level @
PGAOUT11
1.1
Vpeak
Referenced to RXANG. For
minimum load impedance of
440 Ohms.
Power12
19
mW
Active Power
<1>
The absolute gain test should be done at 30kHz, 75kHz and 120kHz with maximum output signal level of 1.1Vp.
<2>
The calculation to show how to determine the gain from the line is given in Appendix A. This appendix also shows how to cal
culate the gain variations in the application
<3>
These are chip specs only. The application specs are calculated in Appendix A.
<4>
Two tone distortion is measured with two sine waves having an amplitude given in 6. Tone one is at f1=500kHz and tone two
is at f2=300kHz, IM2 appears at 200kHz and IM3 appears ar 100kHz.
<5>
A multi-tone sine wave is used for the DS (Down Stream) Multi-tone test. (The multi-tone signal will be 91 sine waves equally
spaced from 35x4.3125kHz to 125x4.3125kHz with a peak-to-rms ratio of 5.3 and an rms voltage given in Table 6. The multi-
tone test measures the difference between the rms voltage of a single tone at the output to the rms voltage of the maximum
distortion product at the output in the frequency band between 30kHz to 120kHz.
<6>
This is the noise referred to the PGA input pin PGAIN. The input noise can be referenced to tip and ring in dBm/Hz through the
formula,
where NdB is the line noise in dBm/Hz, Vn is the input referred voltage noise of the PGA, H is the hybrid loss (9.54dB) and G
is the gain from the hybrid output to the input of the PGA. See Appendix A for calculation of G. Appendix B shows plots of the
noise performance of the entire receive path as shown in Figure 9.
<7>
These numbers are required to determine the gain variations in the application.
<8>
The input impedance specified here is the nominal value and the variation is due only to processing.
<9>
The input impedance specified here is the nominal value and the variation is due only to temperature. This variation is specified
from the nominal value at 27°C.
<10> The input impedance specified here is the nominal value with the variation due to both process and temperature.
<11> This spec is guaranteed by the distortion test.
<12> This power can not be verified independently. It can only be measured as part of the power from the RXVCC supply.
Table 6. Multi-tone sine waves
Gain Setting
2 Tone Amplitudes
Multi-tone RMS
Multi-Tone
Amplitudes
00
173 mV
66 mV
9.78 mV
01
550 mV
207 mV
30.7 mV
10
1.125 V
414 mV
61.4 mV
11
1.125 V
414 mV
61.4 mV
Table 5. PGA performance Specifications
N
dB
10
100
1000
-------------
V
n
2


log
G
H
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com