Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 2Page - STMicroelectronics STLC1512 Datasheet HTML 3Page - STMicroelectronics STLC1512 Datasheet HTML 4Page - STMicroelectronics STLC1512 Datasheet HTML 5Page - STMicroelectronics STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
STLC1512
6/26
Table 4. Power Amplifier Performance Specifications
Unless otherwise specified nom specs apply to the nom conditions in attribute and the max and min conditions are
defined by the process and other spec limits that give these worst case corners.
Description
min
nom
max
Goal
Units
Comments
Quiescent current at PAOP/
PAON1
10
15
18
mA
The spec is measured as the
sum of the currents at
POAP1+PAOP2 or
PAON1+PAON2.
Total quiescent current at
output stage2
20
30
36
mA
Measured at the center tap of
the transformer.
Input bias current3
15
µA
Measured at pin PAIP/PAIN.
This parameter cannot be
measured very accurately.
Minimum Voltage at PAOP/
PAON 4
High Current Drive
0.85
Vpeak
Measured at pin PAOP1,2/
PAON1,2
Minimum Voltage at PAOP/
PAON5
Low Current Drive
0.70
Vpeak
Measured at pin PAOP1,2/
PAON1,2
Common mode input
voltage range6
1.6
VCC-
0.5
V
Measured at pin PAIP/PAIN
Peak output sink
current on pin PAOP and
PAON7
600
1000
mA
This is the sum of the current
from PAOP1 and PAOP2 or
the sum of the currents from
PAON1 and PAON2
Power supply rejection
See Figure 3.
Slew Rate8
35
V/
µS
Measured across the 100
Ohm line impedance
Output referred noise
voltage9
78
120
nV/÷
√Hz
measured at f=120kHz
Simulated to be good from
30kHz to 540kHz.
Signal to distortion ratio
Two tone A10
Im2 @ 200 kHz
Im3 @ 100 kHz
Two tone B<Superscript>10
Im3 @ 550 kHz
Output DS Multi-tone11
28kHz < f < 121kHz
151kHz < f < 541kHz
78
78
59
78
59
85
66
86
86
59
86
59
dB
dB
dB
dB
dB
Measured at the line
impedance. The 4 to 1
transformer must have total
harmonic distortion better
than 50dB over 30kHz < f <
550kHz.
The multi-tone spec is the
important spec. The two tone
specs exist because the test
equipment may not be able to
create a good enough multi-
tone input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com