Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC1512 Datasheet HTML 1Page - STMicroelectronics STLC1512 Datasheet HTML 2Page - STMicroelectronics STLC1512 Datasheet HTML 3Page - STMicroelectronics STLC1512 Datasheet HTML 4Page - STMicroelectronics STLC1512 Datasheet HTML 5Page - STMicroelectronics STLC1512 Datasheet HTML 6Page - STMicroelectronics STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
STLC1512
noise floor which will degrade the SNDR of the re-
ceive signal.
The same is true of the transmit signal. If the signal is
undistorted it will show up out of band in the receive
path and will not degrade SNDR. However, if the
transmit signal is distorted by the cross-talk mecha-
nism it will show up in the receive band and could re-
duce the SNDR.
The cross-talk numbers are specified from output to
output under maximum gain conditions.
4.2 Power Amplifier Performance
Specifications
The power amplifier must be specified with all of the
external components in the application diagram.
Without these components the amplifier will not func-
tion correctly. Specifications that are measured at the
chip are specified as such in the comments.
Table 3 contains the conditions over which the spec-
ifications in Table 4 apply. The limits on the specifica-
tions in Table
are valid over all of the ranges
specified in Table 3. The nominal values of the spec-
ification occur at the nominal value of all of the condi-
tions in Table 3 unless otherwise specified.
...
Table 2. Chip Performance Specifications
Description
min
nom
max
Units
Comments
Rx Cross-Talk into Tx
Undistorted
-55
dB
Measured from the active low pass filter
output in the receive path to tip and ring.
Rx Cross-Talk into Tx
Distorted
-73
dB
Measured from the active low pass filter
output in the receive path to tip and ring.
Tx Cross-talk into Rx
Undistorted
-50
dB
Measured from tip and ring to the active
low pass filter output with the maximum
gain setting in place.
Tx Cross-talk into Rx
Distorted
-86
dB
Measured from tip and ring to the active
low pass filter output with the maximum
gain setting in place.
Table 3. Power Amplifier Performance Limits
Description
min
nom
max
Units
Comments1,2
Gain
19.9
20.1
20.3
dB
Ambient Temperature
-40
27
85
oC
Line Impedance
80
100
160
W
A nominal chip will have no problem
driving 200
Ω or 50 Ω.
Supply voltage for TXVCC
4.75
5.0
5.25
V
<1>Nominal specifications are for nominal bias and process
<2>Maximum and minimum specifications are for worst case process and bias conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com