Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 18Page - STMicroelectronics STLC1512 Datasheet HTML 19Page - STMicroelectronics STLC1512 Datasheet HTML 20Page - STMicroelectronics STLC1512 Datasheet HTML 21Page - STMicroelectronics STLC1512 Datasheet HTML 22Page - STMicroelectronics STLC1512 Datasheet HTML 23Page - STMicroelectronics STLC1512 Datasheet HTML 24Page - STMicroelectronics STLC1512 Datasheet HTML 25Page - STMicroelectronics STLC1512 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
STLC1512
24/26
Appendix E - Board Issues for Heat Dissipation
The internal temperature of the device must remain below 125oC. There are a number of ways to ensure that
this happens.
There are various combinations of maximum ambient temperature and board issues that can contribute to the
junction temperature of the devices on the chip. Different layout techniques can be used to enhance the thermal
coefficient of the package. The following conditions must be true to ensure reliable operation of the line driver.
(EQ E.1)
Where Tambient is the maximum ambient temperature that will be experienced by the device, Rj is the thermal
coefficient as described below and PD is the power dissipation of the chip which is 480mW.
The thermal coefficient is determined by the board layout characteristics and the rate that air is being forced
across the board. The board layout is defined in 2 ways. One is a 2 layer board with signal layers on the top and
bottom. The signal layer has a heat spreading copper plane that spreads from the corner pins of the chip. There
are also thermal vias directly under the chip. The second layout is an 8 layer board with signal layers on the top
an bottom, 4 copper lattice planes (80% 1 ounce copper) and 2 copper ground planes (solid 1 ounce copper).
This layout also has a heat spreading copper plane on the signal layer and thermal vias under the die and in the
copper plane.
The thermal coefficients for these two different boards are given in Table 15. These coefficients are modified
based on the amount of air flow over the board..
Table 15. Thermal Coefficients for Different Board Conditions
Board Type
Rj No Air Flow
(oC/W)
Rj 1m/s Air Flow
(oC/W)
Rj 3m/s Air Flow
(oC/W)
Rj 5m/s Air Flow
(oC/W)
2 Layer
87.2
75.6
63.6
59.4
8 Layer
54.7
50.6
48.0
46.1
T
am bi ent
R
j PD
()
+
125
o
C
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com