Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics STLC1512 Datasheet HTML 16Page - STMicroelectronics STLC1512 Datasheet HTML 17Page - STMicroelectronics STLC1512 Datasheet HTML 18Page - STMicroelectronics STLC1512 Datasheet HTML 19Page - STMicroelectronics STLC1512 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
STLC1512
16/26
4.6 Digital Interface Logic Level
4.7 ESD and Latch Up
5.0 APPLICATION DIAGRAM
To reduce the power consumption of the power amplifier, the two output power transistors of the power amplifier
are powered by a switching power supply at the center tap of the transformer. (See Figure 7.) The switching is
controlled by the digital chip (STLC1510) that senses the future signal level.
The stability and offset of the power amplifier are optimized with the feedback scheme and the component val-
ues shown in this application diagram. As such, the application of the STLC1512 has to follow the topology and
component values in the diagram to avoid stability and offset problems.
Table 13. Definition of Logic Levels for Digital Control Input Pins
SYMBOL
DESCRIPTION
MIN
NOM
MAX
UNITS
COMMENTS
VIL
Input low voltage
0.8
V
Signal from STLC1510
VIH
Input high voltage
2.0
V
Signal from STLC1510
Table 14. ESD and Latch up
Parameter
Conditions
Min
Obj
Max
Unit
Electrostatic Discharge1
<1>Test assumes standard Human body ESD model. Industry standard requirement is 1kV.
12
kV
Latchup current
100
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com