Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 18Page - STMicroelectronics STLC1512 Datasheet HTML 19Page - STMicroelectronics STLC1512 Datasheet HTML 20Page - STMicroelectronics STLC1512 Datasheet HTML 21Page - STMicroelectronics STLC1512 Datasheet HTML 22Page - STMicroelectronics STLC1512 Datasheet HTML 23Page - STMicroelectronics STLC1512 Datasheet HTML 24Page - STMicroelectronics STLC1512 Datasheet HTML 25Page - STMicroelectronics STLC1512 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25/26
STLC1512
6.0 MECHANICAL SPECIFICATIONS
The STLC1512 is packaged in a 48 pin 7x7x1.4mm Lowprofile Quad Flat Pack (LQFP) package.
Body: 7 x 7 x 1.40mm
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.006
0.008
0.010
C
0.09
0.20
0.004
0.008
D
9.00
0.354
D1
7.00
0.276
D3
5.50
0.217
e
0.50
0.020
E
9.00
0.354
E1
7.00
0.276
E3
5.50
0.217
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0°(min.), 3.5˚(typ.), 7°(max.)
TQFP48
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com