Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics STLC1512 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
STLC1512
12/26
Table 7. Amplifier Performance Specifications.
Unless otherwise specified, NOM specifications apply for VCC=5V, temperature range outlined in Table 3, nominal
process and bias current. MAX and MIN performances with 5% variation on VCC, -40 <= Tjunction <=115
oC, and
worst case process and bias current
PARAMETER
MIN
NOM
MAX
UNITS
COMMENTS
Input Offset Voltage
5
mV
Unity Gain Bandwidth
30
50
MHz
Phase Margin
50
degrees
Gain Margin
9
dB
DC open loop gain
80
dB
Slew Rate
25
V / us
Signal to Distortion
Ratio in negative unity
gain1
Two Tone A2
IM2 @ 200 kHz
IM3 @ 100 kHz
Two Tone B3
IM3 @ 550 kHz
Output DS Multi-tone4
30kHz<=f<=120kHz
150kHz<=f<=550kHz
<1>The multi tone spec is the spec which defines system performance. The two tone spec is available because it may not be possible
to create an adequate multi-tone signal with the test hardware.
<2>Two tone A distortion is measured with two sine waves with each sine wave at an amplitude of 1/2 full scale. Tone one is at
f1=500kHz and tone two is at f2=300kHz.
<3>Two tone B distortion is measured with two sine waves with each sine wave at an amplitude of 1/2 full scale. Tone one is at
f1=500kHz and tone two is at f2=450kHz.
89
89
59
89
59
dB
dB
dB
dB
dB
Maximum output signal
level=1.1Vp
The two tone B spec only
applies to the undedicated
opamp
Signal to Distortion
Ratio in positive unity
gain. Undedicated
opamp only.1,5
Two Tone A2
IM2
IM3
Two Tone B3
IM3
Output DS Multi-tone4
30kHz<=f<=120kHz
150kHz<=f<=550kHz
78
78
59
78
59
dB
dB
dB
dB
dB
Maximum output signal
level=1.1Vp
Input referred voltage
noise
3.5
5
nV/
√Hz
Input referred current
noise
2pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com