Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC1512 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics STLC1512 Datasheet HTML 16Page - STMicroelectronics STLC1512 Datasheet HTML 17Page - STMicroelectronics STLC1512 Datasheet HTML 18Page - STMicroelectronics STLC1512 Datasheet HTML 19Page - STMicroelectronics STLC1512 Datasheet HTML 20Page - STMicroelectronics STLC1512 Datasheet HTML 21Page - STMicroelectronics STLC1512 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
STLC1512
18/26
Appendix A - PGA Gain Calculations
The application requires some drop from the output of the hybrid balance to the input of the PGA in order to
keep the signal level at an acceptable level. (see Table 5) The input is reduced by placing a resistor between
the output of the hybrid balance network and PGAIN. This resistor (Rext) serves two purposes. First, it creates
a resistor divider between the hybrid balance and the input. Second, it allows a capacitor to be placed across
the input of the PGA to create a first order low pass filter. This further reduces the signal in long loop cases.
The resistor divider is formed by the external resistor and the input impedance of the PGA. The gain from the
hybrid balance to the output of the PGA is therefore given by
where Gtable is the gain number given in Table ,
Rinput is the input impedance of the PGA given in Table
Rext is the resistance placed between the hybrid balance and PGAIN.
Equation can also be used to determine variations over process and temperature. To accomplish this just de-
termine the max and min values using the input resistance variation given in Table .
To convert the noise numbers in Table to line referred noise numbers use
Where Ndb is the noise on the line in dBm/Hz,
Vn is the input referred noise from Table ,
H is the hybrid loss (9.54dB in the reference design),
and G is given by
20
R
in put
R
in put
R
ex t
+
----------------------------------



log
G
tab le
+
N
dB
10
1000
100
------------- V
n
2


log
G
H
++
=
G20
R
inp ut
R
ext
+
R
inp ut
----------------------------------



log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com