Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 49Page - STMicroelectronics ST6201C Datasheet HTML 50Page - STMicroelectronics ST6201C Datasheet HTML 51Page - STMicroelectronics ST6201C Datasheet HTML 52Page - STMicroelectronics ST6201C Datasheet HTML 53Page - STMicroelectronics ST6201C Datasheet HTML 54Page - STMicroelectronics ST6201C Datasheet HTML 55Page - STMicroelectronics ST6201C Datasheet HTML 56Page - STMicroelectronics ST6201C Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
ST6200C/ST6201C/ST6203C
53/100
10.3 INSTRUCTION SET
The ST6 offers a set of 40 basic instructions
which, when combined with nine addressing
modes, yield 244 usable opcodes. They can be di-
vided into six different types: load/store, arithme-
tic/logic, conditional branch, control instructions,
jump/call, and bit manipulation. The following par-
agraphs describe the different types.
All the instructions belonging to a given type are
presented in individual tables.
Load & Store. These instructions use one, two or
three bytes depending on the addressing mode.
For LOAD, one operand is the Accumulator and
the other operand is obtained from data memory
using one of the addressing modes.
For Load Immediate, one operand can be any of
the 256 data space bytes while the other is always
immediate data.
Table 15. Load & Store Instructions
Legend:
X, Y
Index Registers,
V, W Short Direct Registers
#
Immediate data (stored in ROM memory)
rr
Data space register
Affected
*
Not Affected
Instruction
Addressing Mode
Bytes
Cycles
Flags
ZC
LD A, X
Short Direct
1
4
*
LD A, Y
Short Direct
1
4
*
LD A, V
Short Direct
1
4
*
LD A, W
Short Direct
1
4
*
LD X, A
Short Direct
1
4
*
LD Y, A
Short Direct
1
4
*
LD V, A
Short Direct
1
4
*
LD W, A
Short Direct
1
4
*
LD A, rr
Direct
2
4
*
LD rr, A
Direct
2
4
*
LD A, (X)
Indirect
1
4
*
LD A, (Y)
Indirect
1
4
*
LD (X), A
Indirect
1
4
*
LD (Y), A
Indirect
1
4
*
LDI A, #N
Immediate
2
4
*
LDI rr, #N
Immediate
3
4
*
*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com