Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 36Page - STMicroelectronics ST6201C Datasheet HTML 37Page - STMicroelectronics ST6201C Datasheet HTML 38Page - STMicroelectronics ST6201C Datasheet HTML 39Page - STMicroelectronics ST6201C Datasheet HTML 40Page - STMicroelectronics ST6201C Datasheet HTML 41Page - STMicroelectronics ST6201C Datasheet HTML 42Page - STMicroelectronics ST6201C Datasheet HTML 43Page - STMicroelectronics ST6201C Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
ST6200C/ST6201C/ST6203C
40/100
I/O PORTS (Cont’d)
8.5 REGISTER DESCRIPTION
DATA REGISTER (DR)
Port x Data Register
DRx with x = A or B.
Address DRA: 0C0h - Read /Write
Address DRB: 0C1h - Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:0 = D[7:0]
Data register bits.
Reading the DR register returns either the DR reg-
ister latch content (pin configured as output) or the
digital value applied to the I/O pin (pin configured
as input).
Caution: In input mode, modifying this register will
modify the I/O port configuration (see Table 8).
Do not use the Single bit instructions on I/O port
data registers. See (Section 8.2.5).
DATA DIRECTION REGISTER (DDR)
Port x Data Direction Register
DDRx with x = A or B.
Address DDRA: 0C4h - Read /Write
Address DDRB: 0C5h - Read /Write
Reset Value: 0000 0000 (00h)
Bit 7:0 = DD[7:0]
Data direction register bits.
The DDR register gives the input/output direction
configuration of the pins. Each bit is set and
cleared by software.
0: Input mode
1: Output mode
OPTION REGISTER (OR)
Port x Option Register
ORx with x = A or B.
Address ORA: 0CCh - Read/Write
Address ORB: 0CDh - Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:0 = O[7:0]
Option register bits.
The OR register allows to distinguish in output
mode if the push-pull or open drain configuration is
selected.
Output mode:
0: Open drain output(with P-Buffer deactivated)
1: Push-pull Output
Input mode: See Table 8.
Each bit is set and cleared by software.
Caution: Modifying this register, will also modify
the I/O port configuration in input mode. (see Ta-
ble 8).
Table 10. I/O Port Register Map and Reset Values
70
D7
D6
D5
D4
D3
D2
D1
D0
70
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
70
O7
O6
O5
O4
O3
O2
O1
O0
Address
(Hex.)
Register
Label
7654
3210
Reset Value
of all I/O port registers
00
0
0
0000
0C0h
DRA
MSB
LSB
0C1h
DRB
0C4h
DDRA
MSB
LSB
0C5h
DDRB
0CCh
ORA
MSB
LSB
0CDh
ORB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com