Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 65Page - STMicroelectronics ST6201C Datasheet HTML 66Page - STMicroelectronics ST6201C Datasheet HTML 67Page - STMicroelectronics ST6201C Datasheet HTML 68Page - STMicroelectronics ST6201C Datasheet HTML 69Page - STMicroelectronics ST6201C Datasheet HTML 70Page - STMicroelectronics ST6201C Datasheet HTML 71Page - STMicroelectronics ST6201C Datasheet HTML 72Page - STMicroelectronics ST6201C Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
ST6200C/ST6201C/ST6203C
69/100
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
11.5.3 Crystal and Ceramic Resonator Oscillators
The ST6 internal clock can be supplied with sever-
al different Crystal/Ceramic resonator oscillators.
Only parallel resonant crystals can be used. All the
information given in this paragraph are based on
characterization results with specified typical ex-
ternal components. Refer to the crystal/ceramic
resonator manufacturer for more details (frequen-
cy, package, accuracy...).
Notes:
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal/ceramic resonator manufacturer for more details.
Figure 44. Typical Application with a Crystal or Ceramic Resonator
Symbol
Parameter
Conditions
Typ
Unit
RF
Feedback resistor
3
M
CL1
CL2
Recommended load capacitances versus equiva-
lent crystal or ceramic resonator frequency
fOSC=32 kHz,
fOSC=1 MHz
fOSC=2 MHz
fOSC=4 MHz
fOSC=8 MHz
120
47
33
33
22
pF
Oscillator
Typical Crystal or Ceramic Resonators
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms] 1)
Reference
Freq.
Characteristic 1)
CSB455E
455KHz
∆f
OSC=[±0.5KHztolerance,±0.3%
∆Ta,±0.5%aging]
220 220
CSB1000J
1MHz
∆f
OSC=[±0.5KHztolerance,±0.3%
∆Ta,±0.5%aging]
100 100
CSTCC2.00MG0H6
2MHz
∆f
OSC=[±0.5%tolerance,±0.5%
∆Ta,±0.3%aging]47
47
CSTCC4.00MG0H6
4MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging]47
47
CSTCC8.00MG
8MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging]15
15
OSCOUT
OSCIN
CL1
CL2
RF
ST62XX
RESONATOR
VDD
FOSC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com