Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 11Page - STMicroelectronics ST6201C Datasheet HTML 12Page - STMicroelectronics ST6201C Datasheet HTML 13Page - STMicroelectronics ST6201C Datasheet HTML 14Page - STMicroelectronics ST6201C Datasheet HTML 15Page - STMicroelectronics ST6201C Datasheet HTML 16Page - STMicroelectronics ST6201C Datasheet HTML 17Page - STMicroelectronics ST6201C Datasheet HTML 18Page - STMicroelectronics ST6201C Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
ST6200C/ST6201C/ST6203C
15/100
3.3 OPTION BYTES
Each device is available for production in user pro-
grammable versions (OTP) as well as in factory
coded versions (ROM). OTP devices are shipped
to customers with a default content (00h), while
ROM factory coded parts contain the code sup-
plied by the customer. This implies that OTP de-
vices have to be configured by the customer using
the Option Bytes while the ROM devices are facto-
ry-configured.
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes have no address in the memory
map and can be accessed only in programming
mode (for example using a standard ST6 program-
ming tool).
In masked ROM devices, the option bytes are
fixed in hardware by the ROM code (see Section
12.6.2 "ROM VERSION" on page 93). It is there-
fore impossible to read the option bytes.
The option bytes can be only programmed once. It
is not possible to change the selected options after
they have been programmed.
In order to reach the power consumption value in-
dicated in Section 11.4, the option byte must be
programmed to its default value. Otherwise, an
over-consumption will occur.
MSB OPTION BYTE
Bits 15:11 = Reserved, must be always cleared.
Bit 10 = Reserved, must be always set.
Bit 9 = EXTCNTL
External STOP MODE control.
0: EXTCNTL mode not available. STOP mode is
not available with the watchdog active.
1: EXTCNTL mode available. STOP mode is avail-
able with the watchdog active by setting NMI pin
to one.
Bit 8 = LVD
Low Voltage Detector on/off.
This option bit enable or disable the Low Voltage
Detector (LVD) feature.
0: Low Voltage Detector disabled
1: Low Voltage Detector enabled.
LSB OPTION BYTE
Bit 7 = PROTECT
Readout Protection.
This option bit enables or disables external access
to the internal program memory.
0: Program memory not read-out protected
1: Program memory read-out protected
Bit 6 = OSC
Oscillator selection.
This option bit selects the main oscillator type.
0: Quartz crystal, ceramic resonator or external
clock
1: RC network
Bit 5 = Reserved, must be always cleared.
Bit 4 = Reserved, must be always set.
Bit 3 = NMI PULL
NMI Pull-Up on/off.
This option bit enables or disables the internal pull-
up on the NMI pin.
0: Pull-up disabled
1: Pull-up enabled
Bit 2 = Reserved, must be always set.
Bit 1 = WDACT
Hardware or software watchdog.
This option bit selects the watchdog type.
0: Software (watchdog to be enabled by software)
1: Hardware (watchdog always enabled)
Bit 0 = OSGEN
Oscillator Safeguard on/off.
This option bit enables or disables the oscillator
Safeguard (OSG) feature.
0: Oscillator Safeguard disabled
1: Oscillator Safeguard enabled
MSB OPTION BYTE
15
8
LSB OPTION BYTE
70
Reserved
EXT
CTL
LVD
PRO-
TECT
OSC Res.
Res.
NMI
PULL
Res.
WD
ACT
OSG
EN
Default
Value
XXX
XXXXX
X
XXXX
X
X
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com