Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 1 Page - STMicroelectronics

  ST6201C Datasheet HTML 1Page - STMicroelectronics ST6201C Datasheet HTML 2Page - STMicroelectronics ST6201C Datasheet HTML 3Page - STMicroelectronics ST6201C Datasheet HTML 4Page - STMicroelectronics ST6201C Datasheet HTML 5Page - STMicroelectronics ST6201C Datasheet HTML 6Page - STMicroelectronics ST6201C Datasheet HTML 7Page - STMicroelectronics ST6201C Datasheet HTML 8Page - STMicroelectronics ST6201C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Rev. 3.3
October 2003
1/100
ST6200C/ST6201C/ST6203C
8-BIT MCUs WITH A/D CONVERTER,
TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
s
Memories
– 1K or 2K bytes Program memory (OTP,
EPROM, FASTROM or ROM) with read-out
protection
– 64 bytes RAM
s
Clock, Reset and Supply Management
– Enhanced reset system
– Low Voltage Detector (LVD) for Safe Reset
– Clock sources: crystal/ceramic resonator or
RC network, external clock, backup oscillator
(LFAO)
– Oscillator Safeguard (OSG)
– 2 Power Saving Modes: Wait and Stop
s
Interrupt Management
– 4 interrupt vectors plus NMI and RESET
– 9 external interrupt lines (on 2 vectors)
s
9 I/O Ports
– 9 multifunctional bidirectional I/O lines
– 4 alternate function lines
– 3 high sink outputs (20mA)
s
2 Timers
– Configurable watchdog timer
– 8-bit timer/counter with a 7-bit prescaler
s
Analog Peripheral
– 8-bit ADC with 4 input channels (except on
ST6203C)
s
Instruction Set
– 8-bit data manipulation
– 40 basic instructions
– 9 addressing modes
– Bit manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
(See Section 12.5 for Ordering Information)
PDIP16
SO16
CDIP16W
SSOP16
Features
ST62T00C(OTP)
ST6200C(ROM)
ST62P00C(FASTROM)
ST62T01C(OTP)
ST6201C(ROM)
ST62P01C(FASTROM)
ST62T03C(OTP)
ST6203C(ROM)
ST62P03C(FASTROM)
ST62E01C(EPROM)
Program memory - bytes
1K
2K
1K
2K
RAM - bytes
64
Operating Supply
3.0V to 6V
Analog Inputs
4
-
4
Clock Frequency
8MHz Max
Operating Temperature
-40°C to +125°C
Packages
PDIP16 / SO16 / SSOP16
CDIP16W
1


Similar Part No. - ST6201C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6201C STMICROELECTRONICS-ST6201C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6201C STMICROELECTRONICS-ST6201C Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST6201CB1 STMICROELECTRONICS-ST6201CB1 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
ST6201CB3 STMICROELECTRONICS-ST6201CB3 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
ST6201CB6 STMICROELECTRONICS-ST6201CB6 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
More results

Similar Description - ST6201C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6208C STMICROELECTRONICS-ST6208C Datasheet
1Mb / 104P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Rev. 3.3
ST6215C STMICROELECTRONICS-ST6215C Datasheet
1Mb / 105P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
Rev. 3.3
ST62T00C STMICROELECTRONICS-ST62T00C Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
ST6200CM-AUTO STMICROELECTRONICS-ST6200CM-AUTO Datasheet
2Mb / 96P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
18-Sep-2007
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
01-Jan-1970
ST6208C STMICROELECTRONICS-ST6208C_10 Datasheet
1Mb / 104P
8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
01-Jan-1970
ST62T00CB6 STMICROELECTRONICS-ST62T00CB6 Datasheet
3Mb / 100P
8-bit MCUs with A/D converter two timers, oscillator safeguard & safe reset
Oct-2009
ST62T00CM6 STMICROELECTRONICS-ST62T00CM6 Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST62T01CB6 STMICROELECTRONICS-ST62T01CB6 Datasheet
2Mb / 96P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
18-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com