Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 67Page - STMicroelectronics ST6201C Datasheet HTML 68Page - STMicroelectronics ST6201C Datasheet HTML 69Page - STMicroelectronics ST6201C Datasheet HTML 70Page - STMicroelectronics ST6201C Datasheet HTML 71Page - STMicroelectronics ST6201C Datasheet HTML 72Page - STMicroelectronics ST6201C Datasheet HTML 73Page - STMicroelectronics ST6201C Datasheet HTML 74Page - STMicroelectronics ST6201C Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
ST6200C/ST6201C/ST6203C
71/100
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Figure 46. Typical RC Oscillator frequency vs.
VDD
Figure 47. Typical RC Oscillator frequency vs.
Temperature (VDD = 5V)
11.5.5 Oscillator Safeguard (OSG) and Low Frequency Auxiliary Oscillator (LFAO)
Figure 48. Typical LFAO Frequencies
Note:
1. Data based on characterization results.
34
5
6
VDD [V]
0
2
4
6
8
10
12
fosc [MHz]
Rnet=22KOhm
Rnet=47KOhm
Rnet=100KOhm
Rnet=220KOhm
Rnet=470KOhm
-40
25
95
125
Ta [°C]
0
2
4
6
8
10
fosc [MHz]
Rnet=22KOhm
Rnet=47KOhm
Rnet=100KOhm
Rnet=220KOhm
Rnet=470KOhm
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLFAO
Low Frequency Auxiliary Oscillator
Frequency 1)
TA=25° C, VDD=5.0 V
200
350
800
kHz
TA=25° C, VDD=3.3 V
86
150
340
fOSG
Internal Frequency with OSG ena-
bled
TA=25° C, VDD=4.5 V
4
MHz
TA=25° C, VDD=3.3 V
2
3
456
VDD [V]
0
100
200
300
400
500
600
fosc [kHz]
Ta=-40°C
Ta=25°C
Ta=125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com