Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 64Page - STMicroelectronics ST6201C Datasheet HTML 65Page - STMicroelectronics ST6201C Datasheet HTML 66Page - STMicroelectronics ST6201C Datasheet HTML 67Page - STMicroelectronics ST6201C Datasheet HTML 68Page - STMicroelectronics ST6201C Datasheet HTML 69Page - STMicroelectronics ST6201C Datasheet HTML 70Page - STMicroelectronics ST6201C Datasheet HTML 71Page - STMicroelectronics ST6201C Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
ST6200C/ST6201C/ST6203C
68/100
11.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA.
11.5.1 General Timings
11.5.2 External Clock Source
Notes:
1. Data based on typical application software.
2. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to finish
the current instruction execution.
Figure 43. Typical Application with an External Clock Source
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tc(INST)
Instruction cycle time
24
5
tCPU
fCPU=8 MHz
3.25
6.5
8.125
µs
tv(IT)
Interrupt reaction time 2)
tv(IT) = ∆tc(INST) + 6
611
tCPU
fCPU=8 MHz
9.75
17.875
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSCINH
OSCIN input pin high level voltage
See Figure 43
0.7xVDD
VDD
V
VOSCINL
OSCIN input pin low level voltage
VSS
0.3xVDD
IL
OSCx Input leakage current
VSS≤VIN≤VDD
± 2
µA
OSCIN
OSCOUT
fOSC
EXTERNAL
ST62XX
CLOCK SOURCE
VOSCINL
VOSCINH
IL
90%
10%
Not connected
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com