Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 57Page - STMicroelectronics ST6201C Datasheet HTML 58Page - STMicroelectronics ST6201C Datasheet HTML 59Page - STMicroelectronics ST6201C Datasheet HTML 60Page - STMicroelectronics ST6201C Datasheet HTML 61Page - STMicroelectronics ST6201C Datasheet HTML 62Page - STMicroelectronics ST6201C Datasheet HTML 63Page - STMicroelectronics ST6201C Datasheet HTML 64Page - STMicroelectronics ST6201C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
ST6200C/ST6201C/ST6203C
61/100
OPERATING CONDITIONS (Cont’d)
11.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fOSC, and TA.
Notes:
1. LVD typical data are based on TA=25°C. They are given only as design guidelines and are not tested.
2. The minimum VDD rise time rate is needed to insure a correct device power-on and LVD reset. Not tested in production.
3. Data based on characterization results, not tested in production.
Figure 33. LVD Threshold Versus VDD and fOSC
3)
Figure 34. Typical LVD Thresholds Versus
Temperature for OTP devices
Figure
35.
Typical
LVD
thresholds
vs.
Temperature for ROM devices
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIT+
Reset release threshold
(VDD rise)
3.9
4.1
4.3
V
VIT-
Reset generation threshold
(VDD fall)
3.6
3.8
4
Vhys
LVD voltage threshold hysteresis
VIT+-VIT-
50
300
700
mV
VtPOR
VDD rise time rate
2)
mV/s
tg(VDD)
Filtered glitch delay on VDD
3)
Not detected by the LVD
30
ns
fOSC [MHz]
SUPPLY
8
4
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONAL AREA
RESET
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
VIT-≥3.6
DEVICE UNDER
IN THIS AREA
6
VOLTAGE [V]
-40°C
25°C
95°C
125°C
T [°C]
3.6
3.8
4
4.2
Thresholds [V]
Vdd up
Vdd down
VIT+
VIT-
-40°C
25°C
95°C
125°C
T [°C]
3.6
3.8
4
4.2
Thresholds [V]
Vdd up
Vdd down
VIT+
VIT-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com